Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 6 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 6 Page - ams AG

Back Button AS3677 Datasheet HTML 2Page - ams AG AS3677 Datasheet HTML 3Page - ams AG AS3677 Datasheet HTML 4Page - ams AG AS3677 Datasheet HTML 5Page - ams AG AS3677 Datasheet HTML 6Page - ams AG AS3677 Datasheet HTML 7Page - ams AG AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG AS3677 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
5 - 67
AS3677
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 3, “General
Operating Conditions; typical values are at VBAT=3.7V and 25ºC,” on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
6 Electrical Characteristics
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
VIN_HV
26V Pins
-0.3
26
V
Applicable for high-voltage
current sink pins CURR1,
CURR2, CURR6, SW
VIN_MV
5V Pins
-0.3
7.0
V
Applicable for 5V pins
VBAT, VBAT_CP, CLK,
DATA, ADR, RGB1, RGB2,
RGB3, CPOUT, C1_P, C1_N,
INT
VIN_LV
3.3V Pins
-0.3
5.0
V
Applicable for 3.3V pins
ALS/GPIO1, GPIO2, GPIO3,
DLS1, DLS2, VANA
GND pins
0.0
0.0
V
2xVSS, VSS_DCDC
Input Pin Current without causing
latchup
-25
+25
mA
At 25ºC, Norm: EIA/JESD78
Tstrg
Storage Temperature Range
-55
125
ºC
IIN
Humidity
5
85
%
Non-condensing
VESD
HBM
-2000
2000
V
Norm: JESD22-A114F
CDM
-500
500
V
Norm: JEDEC JESD 22-
C101E
MM
-100
100
V
Norm: JEDEC JESD 22-
A115-B
Pt
Total Power Dissipation
0.75
W
TA = 70 ºC, Tjunc_max =
125ºC; RTHJU=73 K/W
TBODY
Peak Body Temperature
260
ºC
T = 20 to 40s, in accordance
with IPC/JEDEC J-STD 020.
MSL
Moisture sensitivity level
1
Represents a max. floor life
time of unlimited
Table 3. General Operating Conditions; typical values are at VBAT=3.7V and 25ºC
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VHV
High Voltage
Applicable for high-voltage current sink pins
CURR1, CURR2 and CURR6.
0.0
26.0
V
VBAT
Battery Voltage
Pin VBAT, VBAT_CP
3.0
3.7
5.5
V
VPERI
Periphery Supply
Voltage
For serial interface pins.
1.5
5.5
V
TAMB
Operating
Temperature Range
-30
25
85
ºC
IACTIVE
Battery current
Normal Operating current (see Operating
Modes on page 58)
110
µA
ISTANDBY
Standby Mode Current
Current consumption in standby mode.
Interface active
10
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com