Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 44 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 44 Page - ams AG

Back Button AS3677 Datasheet HTML 40Page - ams AG AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
43 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
5
rgb2_on_dls1
0R/W
0
RGB2 current sink is not combined with DLS
1
1
RGB2 current sink is combined with DLS (only
‘digital’ DLS with input pin DLS1)
6
rgb3_on_dls
0R/W
0
RGB3 current sink is not combined with DLS
1
1
RGB3 current sink is combined with DLS (only
‘digital’ DLS with input pin DLS1)
7
dls_analog
0R/W
0
‘digital’ DLS for all current sinks
1
‘analog’ DLS for CURR1, CURR2 and CURR6 if
enabled
1. When this bit is set, do not use the internal PWM generator for this current source at the same time.
Table 77. DLS mode control2
Register
Addr: 57h
DLS mode control2
Setup which current sinks are connected to the DLS; if set to '1' the
correspond current source (sink) is combined with the DLS input
Bit
Bit Name
Default Access
Description
0
curr1_on_dls
0R/W
0
CURR1 current sink is not combined with DLS
1
1
CURR1 current sink is combined with DLS
1
curr2_on_dls
0R/W
0
CURR2 current sink is not combined with DLS
1
1
CURR2 current sink is combined with DLS
5
curr2_dls2
0R/W
0
CURR2 uses DLS1 as input
1
CURR2 uses DLS2 as input
6
curr6_dls2
0R/W
0
CURR6 uses DLS1 as input
1
CURR6 uses DLS2 as input
7
curr6_on_dls
0R/W
0
CURR6 current sink is not combined with DLS
1
1
CURR6 current sink is combined with DLS
1. When this bit is set, do not use the internal PWM generator for this current source at the same time.
Table 76. DLS mode control1
Register (Continued)
Addr: 56h
DLS mode control1
Setup which current sinks are connected to the DLS; if set to '1' the
correspond current source (sink) is combined with the DLS input
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com