Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 33 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 33 Page - ams AG

Back Button AS3677 Datasheet HTML 29Page - ams AG AS3677 Datasheet HTML 30Page - ams AG AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG AS3677 Datasheet HTML 34Page - ams AG AS3677 Datasheet HTML 35Page - ams AG AS3677 Datasheet HTML 36Page - ams AG AS3677 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
32 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.6
ALS - Ambient Light Sensing
The ADC converts every 1ms the ambient light sensor signal from pin ALS/GPIO1
4. This signal is pre-processed with
a offset defined by amb_offset and a gain defined by amb_gain (1/4, 1/2, 1, 2). Then it is low-pass filtered with a pro-
grammable cut-off frequency going from 0.25Hz to 32Hz. Increasing signals and decreasing signal can have individual
cut-off frequencies adjustable from 0.25Hz to 32Hz (amb_filter_up and amb_filter_down).
This filtered signal can be readout from the register amb_result<7:0>.
Table 42. Adder Enable 2
Register
Addr: 34h
Adder Enable 2
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default Access
Description
0
curr1_adder
0R/W
Enables adder circuit for current source CURR1
0
Normal Operation of the current source
1
adder_current1 gets added to the current
source current; if curr1_amb_group is not 00,
the adder current is multiplied by the ALS group
selected by curr1_amb_group
1
curr2_adder
0R/W
Enables adder circuit for current source CURR2
0
Normal Operation of the current source
1
adder_current2 gets added to the current
source current; if curr2_amb_group is not 00,
the adder current is multiplied by the ALS group
selected by curr2_amb_group
2
curr6_adder
0R/W
Enables adder circuit for current source CURR6
0
Normal Operation of the current source
1
adder_current3 gets added to the current
source current; if curr6_amb_group is not 00,
the adder current is multiplied by the ALS group
selected by curr6_amb_group
Table 43. Adder Enable 1
Register
Addr: 33h
Adder Enable 1
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default Access
Description
0
rgb1_adder
0R/W
Enables adder circuit for current source RGB1
0
Normal Operation of the current source
1
adder_current1 gets added to the current
source current
1
rgb2_adder
0R/W
Enables adder circuit for current source RGB2
0
Normal Operation of the current source
1
adder_current2 gets added to the current
source current
2
rgb3_adder
0R/W
Enables adder circuit for current source RGB3
0
Normal Operation of the current source
1
adder_current3 gets added to the current
source current
4. adc_select=02h (select ALS/GPIO1 input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com