Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 67 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 67 Page - ams AG

Back Button AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG AS3677 Datasheet HTML 63Page - ams AG AS3677 Datasheet HTML 64Page - ams AG AS3677 Datasheet HTML 65Page - ams AG AS3677 Datasheet HTML 66Page - ams AG AS3677 Datasheet HTML 67Page - ams AG AS3677 Datasheet HTML 68Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
66 - 67
AS3677
Datasheet - O r d e r i n g I n f o r m a t i o n
12 Ordering Information
The devices are available as the standard products shown in Table 100.
Note:
AS3677-ZWLT
AS3677-
Z
Temperature Range: -30ºC - 85ºC
WL
Package: Wafer Level Chip Scale Package (WL-CSP) 2.2x2.2x0.6mm
T
Delivery Form: Tape & Reel
Table 100. Ordering Information
Model
Description
Delivery Form
Package
AS3677-ZWLT
AS3677
Wafer Level Chip Scale Package,
size 2.2x2.2x0.6mm, 5x5 balls, 0.4mm pitch,
Green, Pb-Free
Tape & Reel
25pin WL-CSP
(2.2x2.2x0.6mm)
RoHS compliant / Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com