Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 19 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 19 Page - ams AG

Back Button AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG AS3677 Datasheet HTML 19Page - ams AG AS3677 Datasheet HTML 20Page - ams AG AS3677 Datasheet HTML 21Page - ams AG AS3677 Datasheet HTML 22Page - ams AG AS3677 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
18 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4
Current Sinks
The AS3677 contains three general purpose current sinks intended to control backlight LEDs.
CURR1, CURR2 and CURR6 are used as feedback for the Step Up DC/DC Converter (regulated to 0.5V in this config-
uration) see Feedback Selection on page 11.
The processing inside the AS3677 is shown in Figure 15 (shown for one current source only):
Table 18. Curr low voltage status2
Register
Addr: 2Bh
Curr low voltage status2
Indicates the low voltage status of the current sinks. If the currX_low_v bit is
set, the voltage on the current sink is too low, to drive the selected output
current
Bit
Bit Name
Default Access
Description
0
curr1_low_v
NA
R
0
voltage of current Sink CURR1 >currhv_switch
1
voltage of current Sink CURR1 <currhv_switch
1
curr2_low_v
NA
R
0
voltage of current Sink CURR2 >currhv_switch
1
voltage of current Sink CURR2 <currhv_switch
Table 19. Current Sink Function Overview
Current Sink
Max.
Voltage (V)
Max.
Current
(mA)
Resolution
Software Current
Control
Hardware On/Off
Control
(Bits)
(mA)
RGB1
5.5
25.5
8
0.1
Separate
Internal PWM; external
PWM at DLS1, Pattern
generator
RGB2
RGB3
CURR1
26.0
25.5
8
0.1
Separate
Internal PWM; external
PWM at DLS1, Pattern
generator
CURR2
Internal PWM; external
PWM at DLS1 or
DLS2, Pattern
generator
CURR6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com