Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 55 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 55 Page - ams AG

Back Button AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG AS3677 Datasheet HTML 56Page - ams AG AS3677 Datasheet HTML 57Page - ams AG AS3677 Datasheet HTML 58Page - ams AG AS3677 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
54 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 29. Zero Power Device Wakeup block diagram
8.8.1
Reset control register
8.9
Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3677. This sensor generates a flag
if the device temperature reaches the overtemperature threshold of 140º. The threshold has a hysteresis to prevent
oscillation effects.
If the device temperature exceeds the T140 threshold all current sources, the charge pump and the dcdc converter is
disabled and the ov_temp flag is set. After decreasing the temperature by THYST operation is resumed.
Table 92. Power On Reset Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VPOR_VBAT
Overall Power-On
Reset
Monitor voltage on VBAT; power-on reset for
all internal functions.
2.0
V
VPOR_PERI
Reset Level for pins
CLK, DATA
Monitor voltage on pins CLK, DATA
1.0
V
tPOR_DEB
Reset debounce time
for pins CLK, DATA
100
ms
tstart
Interface Startup Time
6
ms
Table 93. Overtemp control
Register
Addr: 29h
Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description
4
shutdwn_enab
1R/W
Enable Shutdown mode and serial interface reset.
0
Serial Interface reset disabled. Device does not
enter Shutdown mode
1
Serial Interface reset enabled, device enters
shutdown when SCL and SDA remain low for
min. 100ms



 
 
 


  !
 " #  $%
&
'($ )) ' *
) *$
+
+'+'
%!   
')
 ,
-
-
' '($ )!
-
. ,
-
. ,
. ,
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com