Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 43 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 43 Page - ams AG

Back Button AS3677 Datasheet HTML 39Page - ams AG AS3677 Datasheet HTML 40Page - ams AG AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
42 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 25.
DLS (Dynamic Luminance Scaling) internal circuit shown for a single current sink
Table 76. DLS mode control1
Register
Addr: 56h
DLS mode control1
Setup which current sinks are connected to the DLS; if set to '1' the
correspond current source (sink) is combined with the DLS input
Bit
Bit Name
Default Access
Description
4
rgb1_on_dls
0R/W
0
RGB1 current sink is not combined with DLS
1
1
RGB1 current sink is combined with DLS (only
‘digital’ DLS with input pin DLS1)


  
 

 
!" #$
%&'()**+
,-&!
.

/0$
12
12
&$
$
/00)


)0


3

4" ) & #

3

$
 0)


$
 0)
$
 0)
$
 0)
)
12

5 )12
)
12
&$
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com