Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 58 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 58 Page - ams AG

Back Button AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG AS3677 Datasheet HTML 56Page - ams AG AS3677 Datasheet HTML 57Page - ams AG AS3677 Datasheet HTML 58Page - ams AG AS3677 Datasheet HTML 59Page - ams AG AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
57 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Definitions used in the serial data transfer format diagrams are listed in the following table:
Figure 32. Serial Interface Byte Write
Figure 33. Serial Interface Page Write
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state
(the bus is free). The device-write address is followed by the word address. After the word address any number of data
bytes can be sent to the slave. The word address is incremented internally, in order to write subsequent data bytes on
subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a
repeated START condition followed by the device-read address, or simply with a new transmission START followed by
the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1st register
byte transmitted from the slave. In Read Mode any number of subsequent register bytes can be read from the slave.
The word address is incremented internally.
The following diagrams show the serial read formats supported by the AS3677.
Table 97. Serial Data Transfer Byte Definitions
Symbol
Definition
R/W (AS3677 Slave)
Note
S
Start Condition after Stop
R
1 bit
Sr
Repeated Start
R
1 bit
DW
Device Address for Write
R
10000000b (80h) ADR=VSS
10000010b (82h) ADR=VBAT
DR
Device Address for Read
R
10000001b (81h) ADR=VSS
10000011b (83h) ADR=VBAT
WA
Word Address
R
8 bits
A
Acknowledge
W
1 bit
N
Not Acknowledge
R
1 bit
reg_data
Register Data/Write
R
8 bits
data (n)
Register Data/read
R
1 bit
P
Stop Condition
R
8 bits
WA++
Increment Word Address Internally
R
During Acknowledge
S
DW
A
WA
A
reg_data
A P
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data
S
DW
A
WA
A
reg_data 1
A
reg_data 2
A
…
reg_datan
A P
Write Register
WA++
Write Register
WA++
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com