Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 63 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 63 Page - ams AG

Back Button AS3677 Datasheet HTML 59Page - ams AG AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG AS3677 Datasheet HTML 63Page - ams AG AS3677 Datasheet HTML 64Page - ams AG AS3677 Datasheet HTML 65Page - ams AG AS3677 Datasheet HTML 66Page - ams AG AS3677 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
62 - 67
AS3677
Datasheet - R e g i s t e r M a p
Note:
If writing to register, write 0 to unused bits
Write to read only bits will be ignored
yellow color = read only
ALS group 2 K1
A1h
00h
group2_k1
ALS group 2 X2
A2h
00h
group2_x2
ALS group 2 K2
A3h
00h
group2_k2
ALS group 3 Y0
A4h
00h
group3_y0
ALS group 3 Y3
A5h
00h
group3_y3
ALS group 3 X1
A6h
00h
group3_x1
ALS group 3 K1
A7h
00h
group3_k1
ALS group 3 X2
A8h
00h
group3_x2
ALS group 3 K2
A9h
00h
group3_k2
ALS group output
1
AAh
00h
amb_group1
ALS group output
2
ABh
00h
amb_group2
ALS group output
3
ACh
00h
amb_group3
ALS range high
interrupt threshold ADh
00h
amb_range_int_high
ALS range low
interrupt threshold AEh
00h
amb_range_int_low
Interrupt Status
AFh
00h
amb_too
_low
amb_too
_high
Table 98. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com