Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 45 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 45 Page - ams AG

Back Button AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG AS3677 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
44 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.5
General Purpose Input / Output
The pin DLS1, DLS2 are digital input, INT is an open drain output and ALS/GPIO1, GPIO2 and GPIO3 are a highly-
configurable general purpose input/output pins which can be used for the following functionality:
DLS1 and DLS2 primary function is a DLS input - see DLS(=DBC) - Dynamic Luminance Scaling Input on page 40
ALS/GPIO1 primary function is ALS input - see ALS - Ambient Light Sensing on page 32
Digital Schmitt Trigger Input
Digital Output with 4mA Driving Capability at 2.8V Supply (VANA)
Tristate Output
Analog Input to the ADC
Default Mode for ALS/GPIO1 is ADC input (as required for the ALS function), GPIO2 and GPIO3 is Input with Pull-
Down
Table 78.
GPIO Pin Function Summary
GPIO3 Pin
Configuration
Additional Function
ALS/GPIO1
Digital Input, Totem-Pole Output (Push/Pull),
Open Drain (PMOS or NMOS), High-Z, Pull-
Down or Pull-Up Resistor
ADC Input, ALS - light sensor input (see
page 32)
GPIO2, GPIO3
ADC Input
DLS1, DLS2
Digital Input
ADC Input, PWM Input, DLS input (see page
40)
INT
Open Drain Output
ADC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com