Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 10 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 10 Page - ams AG

Back Button AS3677 Datasheet HTML 6Page - ams AG AS3677 Datasheet HTML 7Page - ams AG AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG AS3677 Datasheet HTML 10Page - ams AG AS3677 Datasheet HTML 11Page - ams AG AS3677 Datasheet HTML 12Page - ams AG AS3677 Datasheet HTML 13Page - ams AG AS3677 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
9 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
8.1
LDO
The LDO is a general purpose LDO and the output pin connected to VANA and intended to power an external light
sensor. Stability is guaranteed with ceramic output capacitors of 100nF ±20% (X5R).
The LDO is off by default after start-up.
Figure 12. LDO Block Diagram
8.1.1
LDO Registers
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ILOAD
Output current
0
10
mA
RON
On Resistance
10
25
Ω
VDROPOUT
Dropout Voltage
250
mV
ION
Supply Current
Without load
19
µA
tstart
Start-up Time
200
µs
Vout_tol
Output Voltage
Tolerance
-3
+3
%
VOUT
Output Voltage
VBAT > 3.0V
1.8
2.75
V
Full Programmable Range
1.8
3.35
V
Table 5. Reg control
Register
Addr: 00
Reg control
This register enables/disables the LDOs, Charge Pumps, Charge Pump LEDs,
current sinks, the Step Up DC/DC Converter, and low-power mode.
Bit
Bit Name
Default Access
Description
0
ldo_on
0R/W
0
LDO is switched off
1
LDO is switched on


AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com