Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 26 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 26 Page - ams AG

Back Button AS3677 Datasheet HTML 22Page - ams AG AS3677 Datasheet HTML 23Page - ams AG AS3677 Datasheet HTML 24Page - ams AG AS3677 Datasheet HTML 25Page - ams AG AS3677 Datasheet HTML 26Page - ams AG AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG AS3677 Datasheet HTML 29Page - ams AG AS3677 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
25 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
With the AS3677 smooth fade-in and fade-out effects can be automatically generated.
As there is only one dimming ramp generator and one pwm modulator following constraints have to be considered
when setting up the pattern (applies only if pattern_color=1):
Figure 19. Soft dimming example Waveform for CURR30-32
However using the identical dimming waveform for two channels is possible as shown in the following figure:
Figure 20. Soft dimming example Waveform for CURR30-32
LED Pattern Registers
Table 31. Pattern data0...Pattern data3
Registers
Addr: 19h,1Ah,1Bh,1Ch
Pattern data0, Pattern data1, Pattern data2, Pattern data3
This registers contains the pattern data for the current sinks.
Bit
Bit Name
Default Access
Description
7:0
pattern_data_0
1
1. Update any of the pattern register only if none of the current sources is connected to the pattern generator
('xxxx'_mode must not be 11b). The pattern generator is automatically started at the same time when any of the
current sources is connected to the pattern generator
0
R/W
Pattern data0
7:0
pattern_data_1
0
R/W
Pattern data1
7:0
pattern_data_2
0
R/W
Pattern data2
7:0
pattern_data_3
0
R/W
Pattern data3

     
  
    
  
!    
     
 

         
!
   



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com