Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 41 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 41 Page - ams AG

Back Button AS3677 Datasheet HTML 37Page - ams AG AS3677 Datasheet HTML 38Page - ams AG AS3677 Datasheet HTML 39Page - ams AG AS3677 Datasheet HTML 40Page - ams AG AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
40 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
The range selection generates an interrupt by pulling the pin INT low (if any of the register bit of Interrupt Status are
set, INT is pulled low(. When the register Interrupt Status is readout, the interrupt is automatically cleared:
8.4.7
DLS(=DBC) - Dynamic Luminance Scaling Input
The pins DLS1 and DLS2 can be used for dynamic backlight scaling input. Dynamic backlight scaling is used to reduce
the power of the backlight especially when showing dark picture contents on the display. The control unit to operate
DLS is the display processor sending a PWM signal to the AS3677 and in parallel changing the display content to com-
pensate for a reduced brightness backlight.
The AS3677 can use the DLS (Dynamic Luminance Scaling) (also called DBC = Dynamic Backlight Control) in two dif-
ferent operating modes:
1. Digital DLS Mode - selected by dls_analog=0: The input signal from pins DLS1 and DLS2 are controlling the
current source directly. A logic ‘L’ switches off the selected current source and a logic ‘H’ enables the current
source with the configured current. This operating mode is compatible to the AS3676 processing of DLS.
2. Analog DLS Mode - selected by dls_analog=1: In this operating mode, the input signals form DLS1 and DLS2
are digitally filtered (two parallel filters are possible!) and smoothly controls the current through the selected
Table 73. ALS range low interrupt threshold Register
Addr: AEh
ALS range low interrupt threshold
Bit
Bit Name
Default Access
Description
7:0
amb_range_int_low
00h
R/W
If the filter output amb_result <= amb_range_int_low then
an amb_too_low interrupt is asserted
If amb_range_int_low=0, the interrupt is disabled
Table 74. Interrupt Status Register
Addr: AFh
Interrupt Status
Bit
Bit Name
Default Access
Description
0
amb_too_high
0
R/sC
1
1. Read - self clear. The register automatically clears it content after readout. This avoids any lost interrupts.
Comparator for amb_result >= amb_range_int_high
0
not triggered
1
triggered
1
amb_too_low
0
R/sC
1
Comparator for amb_result <= amb_range_int_low
0
not triggered
1
triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com