Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 40 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 40 Page - ams AG

Back Button AS3677 Datasheet HTML 36Page - ams AG AS3677 Datasheet HTML 37Page - ams AG AS3677 Datasheet HTML 38Page - ams AG AS3677 Datasheet HTML 39Page - ams AG AS3677 Datasheet HTML 40Page - ams AG AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
39 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
The output of the group selection circuit (after the S/H circuit) can be observed with following registers:
The range selection interrupt threshold and interrupt enable is defined by following registers amb_range_int_high and
amb_range_int_low:
Table 65. ALS group 3 X1 Register
Addr: A6h
ALS group 3 X1
Bit
Bit Name
Default Access
Description
7:0
group3_x1
00h
R/W
Group 3 x1 value
Table 66. ALS group 3 K1 Register
Addr: A7h
ALS group 3 K1
Bit
Bit Name
Default Access
Description
7:0
group3_k1
00h
R/W
Group 3 k1 value - divided by 1 defines first slope
Table 67. ALS group 3 X2 Register
Addr: A8h
ALS group 3 X2
Bit
Bit Name
Default Access
Description
7:0
group3_x2
00h
R/W
Group 3 x2 value
Table 68. ALS group 3 K2 Register
Addr: A9h
ALS group 3 K2
Bit
Bit Name
Default Access
Description
7:0
group3_k2
00h
R/W
Group 3 k2 value- value divided by 32 defines second slope
Table 69. ALS group output 1 Register
Addr: AAh
ALS group output 1
Bit
Bit Name
Default Access
Description
7:0
amb_group1
00h
R
Ambient Light Sensor Group 1 output register
Table 70. ALS group output 2 Register
Addr: ABh
ALS group output 2
Bit
Bit Name
Default Access
Description
7:0
amb_group2
00h
R
Ambient Light Sensor Group 2 output register
Table 71. ALS group output 3 Register
Addr: ACh
ALS group output 3
Bit
Bit Name
Default Access
Description
7:0
amb_group3
00h
R
Ambient Light Sensor Group 3 output register
Table 72. ALS range high interrupt threshold Register
Addr: ADh
ALS range high interrupt threshold
Bit
Bit Name
Default Access
Description
7:0
amb_range_int_high
00h
R/W
If the filter output amb_result >= amb_range_int_high then
an amb_too_high interrupt is asserted
If amb_range_int_high=0, the interrupt is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com