Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 8 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 8 Page - ams AG

Back Button AS3677 Datasheet HTML 4Page - ams AG AS3677 Datasheet HTML 5Page - ams AG AS3677 Datasheet HTML 6Page - ams AG AS3677 Datasheet HTML 7Page - ams AG AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG AS3677 Datasheet HTML 10Page - ams AG AS3677 Datasheet HTML 11Page - ams AG AS3677 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
7 - 67
AS3677
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Measured at VBAT=3.7V and TAMB=25ºC unless otherwise specified.
Figure 4. DCDC Efficiency vs. Load Current
Figure 5. Charge Pump: Efficiency vs. VBAT
50
55
60
65
70
75
80
85
90
0
10
203040
5060
IOUT (mA)
Vout: 25V, L=NRH3012
Vout: 15V, L=NRH3012
20
30
40
50
60
70
80
90
2,8
3
3,2
3,4
3,6
3,8
4
4,2
VBAT [V]
Iload=50mA
Iload=20mA
Figure 6. Charge Pump: Battery current vs. VBAT
Figure 7. Current Sink CURR1 vs. V(CURRx)
0
10
20
30
40
50
60
70
80
90
100
110
2,8
3
3,2
3,4
3,6
3,8
4
4,2
VBAT [V]
Iload=50mA
Iload=20mA
0
5
10
15
20
25
30
0
0,2 0,4 0,6 0,8
1
1,2 1,4 1,6 1,8
2
VCURR [V]
Code=255
Code=128
Code=32
Figure 8. Current Sink RGB1 vs. V(CURRx)
Figure 9. LDO Output Voltage VANA vs. Code
0
5
10
15
20
25
30
0
0,2 0,4 0,6 0,8
1
1,2 1,4 1,6 1,8
2
VCURR [V]
Code=255
Code=128
Code=32
1,6
1,8
2
2,2
2,4
2,6
2,8
3
3,2
3,4
0
5
10
15
20
25
30
binary code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com