Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 2 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 2 Page - ams AG

  AS3677 Datasheet HTML 1Page - ams AG AS3677 Datasheet HTML 2Page - ams AG AS3677 Datasheet HTML 3Page - ams AG AS3677 Datasheet HTML 4Page - ams AG AS3677 Datasheet HTML 5Page - ams AG AS3677 Datasheet HTML 6Page - ams AG AS3677 Datasheet HTML 7Page - ams AG AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
AS3677
Triple Channel Lighting Management Unit with DCDC step/up,
ALS, 2xDLS(=DBC) and RGB Driver
www.austriamicrosystems.com/AS3677
1v3-1
1 - 67
(ptr)
Datasheet
1 General Description
The AS3677 is a highly-integrated CMOS Power and
Lighting Management Unit for mobile telephones, and
other Li+ battery powered devices.
The AS3677 incorporates one Step Up DC/DC Con-
verter for white backlight LEDs one Analog-to-Digital
Converter, six current sinks, LED in-circuit function test,
an I
2C serial interface, and control logic all onto a single
device. It includes a charge pump to control e.g. an RGB
together with an internal pattern generator for smooth
blinking effects.
It supports ambient light sensor processing and two
Dynamic Luminance Scaling (DLS) (also called
Dynamic Backlight Control - DBC) input.
Internally the PWM signal for DLS can be used to
change the analog current through the current sources
(two channels can be used simultaneously). This avoids
noise in the system as the changes of backlight control
happen continuously without using the PWM modulation
scheme.
Output voltages and output currents are fully program-
mable.
The AS3677 is part of the austriamicrosystems AS3675,
AS3687/87XM, AS3688 and AS3689 lighting manage-
ment unit family. It is software compatible to AS3675,
AS3676, AS3687/87XM, AS3688 and AS3689.
The AS3677 is available in a space-saving WL-CSP
package measuring only 2.2x2.2x0.6mm and operates
over the -30ºC to +85ºC temperature range.
Figure 1. Function Diagram
2 Key Features
High-Efficiency Step Up DC/DC Converter
- Up to 25V, up to 50mA for White LEDs
- Programmable Over voltage Protection
(10V, 16V or 25V)
50mA Charge Pump
- 1:1 and 1:2 Mode with automatic Up Switching
- Only 2 External Capacitors Required
6 Current Sinks
- Fully Programmable (8-bit) from: 0.1mA to 25.5mA
- 3xHigh Voltage capable (up to 25V)
- 3xLow voltage for use with the CP (up to 5.5V)
- Selectively Enable/Disable Current Sinks
- Dual Dynamic Luminance Scaling (DLS) support to
improve backlight operating time (can adjust any
current source)
- Light Sensor input with internal hardware process-
ing to control backlight according to ambient light
using 3 groups
Internal PWM Generation
- 8 Bit resolution
- Autonomous Logarithmic up/down dimming
Led Pattern Generator
- Autonomous driving of Fun RGB or indicator LEDs
10-bit Successive Approximation ADC
- 27µs Conversion Time
- Selectable Inputs: VANA, DLS1, DLS2, ALS/
GPIO1, GPIO2, CURR1, CURR2, CURR6, VBAT,
RGB1, RGB2 and RGB3
- Internal Temp. Measurement
- Light Sensor input with Java support (JSR-256):
read ADC processed value
Support for automatic LED testing (open and
shorted LEDs can be identified)
Programmable LDO
- 1.8 to 3.35V, 10mA
- Programmable via Serial Interface
Wide Battery Supply Range: 3.0V to 5.5V
I
2C Serial Interface Control with address control pin
Over current and Thermal Protection
Package
WL-CSP25, 2.2x2.2x0.6mm, 0.4mm pitch
3 Applications
Lighting Management Unit for mobile phones, smart-
phones, PMP or PND
 

 
 


AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com