Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 54 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 54 Page - ams AG

Back Button AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG AS3677 Datasheet HTML 56Page - ams AG AS3677 Datasheet HTML 57Page - ams AG AS3677 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
53 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 28. ADC Circuit
8.8
Power-On Reset
The internal reset is controlled by two sources:
VBAT Supply
Serial interface state (CLK, DATA)
The internal reset is forced if VBAT is low or if both interface pins (CLK, DATA) are low for more than tPOR_DEB (typ.
100ms)
5. Then device enters shutdown mode. For details see section Operating Modes on page 58.
The reset levels control the state of all registers. As long as VBAT and CLK/DATA are below their reset thresholds, the
register contents are set to default. Access by serial interface is possible once the reset thresholds are exceeded.
5. Only if shutdwn_enab=1


  
 
!
!
""
 " 
#$
% &
 
' ()*+,
)*+,
)*+,-
 .
/
/
/
0
'
'
*,/&
)%
)%
)%-
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com