Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 61 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 61 Page - ams AG

Back Button AS3677 Datasheet HTML 57Page - ams AG AS3677 Datasheet HTML 58Page - ams AG AS3677 Datasheet HTML 59Page - ams AG AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG AS3677 Datasheet HTML 63Page - ams AG AS3677 Datasheet HTML 64Page - ams AG AS3677 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
60 - 67
AS3677
Datasheet - R e g i s t e r M a p
9 Register Map
Table 98. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Reg control
00h
00
step_up
_on
cp_on
ldo_on
curr12 control
01h
00h
curr2_mode
curr1_mode
curr rgb control
02h
00h
curr6_mode
rgb3_mode
rgb2_mode
rgb1_mode
LDO Voltage
07h
00h
ldo_voltage
Curr1 current
09h
00h
curr1_current
Curr2 current
0Ah
00h
curr2_current
Rgb1 current
0Bh
00h
rgb1_current
Rgb2 current
0Ch
00h
rgb2_current
Rgb3 current
0Dh
00h
rgb3_current
Pwm control
16h
00h
pwm_dim_speed
pwm_dim_mode
Pwm code
17h
00h
pwm_code
Pattern control
18h
00h
softdim_
pattern
pattern_delay
pattern_
color
Pattern data0
19h
00h
pattern_data_0
Pattern data1
1Ah
00h
pattern_data_1
Pattern data2
1Bh
00h
pattern_data_2
Pattern data3
1Ch
00h
pattern_data_3
GPIO control
1Eh
4Ch
gpio2_pulls
gpio2_mode
gpio1_pulls
gpio1_mode
GPIO control 3
1Fh
04h
gpio3_pulls
gpio3_mode
GPIO driving cap
20h
00h
gpio3_lo
w_curr
gpio2_lo
w_curr
gpio1_lo
w_curr
DCDC control1
21h
02h
step_up_vmax
step_up_fb
step_up
_frequ
DCDC control2
22h
88h
step_up
_fb_auto
step_up
_ov
step_up
_lowcur
skip_fast
CP control
23h
40h
cp_auto
_on
cp_start
_deboun
ce
cp_mode_switchin
g
cp_mode
cp_clk
CP mode Switch1 24h
70h
rgb3_on
_cp
rgb2_on
_cp
rgb1_on
_cp
CP mode Switch2 25h
00h
curr6_on
_cp
curr2_on
_cp
curr1_on
_cp
ADC_control
26h
02h
start_co
nversion
adc_select
ADC_MSB result
27h
NA
result_n
ot_ready
adc_result_msb
ADC_LSB result
28h
NA
adc_result_lsb
Overtemp control
29h
11h
shutdwn
_enab
rst_ov_t
emp
ov_temp ov_temp
_on
Curr low voltage
status1
2Ah
NA
curr6_lo
w_v
rgb3_low
_v
rgb2_low
_v
rgb1_low
_v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com