Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 51 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 51 Page - ams AG

Back Button AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG AS3677 Datasheet HTML 49Page - ams AG AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
50 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.6.2
Function Testing example for LEDs connected to the DCDC
Use following procedure as an example:
Note:
With the above described procedures electrically open and shorted LEDs can be automatically detected
8.7
Analog-to-Digital Converter
The AS3677 has a built-in 10-bit successive approximation analog-to-digital converter (ADC). It is internally supplied
which is also the full-scale input range (0V defines the ADC zero-code). For input signals exceeding 2.5V a resistor
divider with a gain of 0.5 (Ratioprescaler) is used to scale the input of the ADC converter. Consequently the resolution
is:
4
Measure with the ADC the voltage on the switched
on current sink
Reg 26h
≤ 85h (adc_select=RGB1,start ADC)
Fetch the ADC result from Reg 27h and 28h
5
Switch off the current sink for the LED to be tested
Reg 02h
≤ 00h (rgb1_mode = off)
6
Compare the difference between the ADC
measurements (which is the actual voltage across
the tested LED) against the specification limits of
the tested LED
Calculation performed in baseband uProcessor
7
Do the same procedure for the next LED starting
from point 2
Jump to 2. If not all the LEDs have been tested
8
Switch off the charge pump
set charge pump automatic mode
Reg 00h
≤ 00h (cp_on = 0)
Reg 23h
≤ 00h
Table 86. Function Testing procedure for LEDs connected to the DCDC
Step
Action
Example Code
1
Switch on one current sink (only one!) for the LED
string to be tested (CURR1,2 or 6) - this example
uses CURR1
e.g. Test LEDs on CURR1:
Reg 01h
≤ 01h (curr1_mode=on)
Reg 09h
≤ 3ch (curr1_current = 9mA)
2
Select the feedback path for the LED string to be
tested (e.g. step_up_fb = 01 for LED string on
CURR1) and disable automatic feedback
Reg 21h
≤ 02h (step_up_fb=CURR1)
Reg 22h <- 04h (step_up_fb_auto=off)
3
Set step_up_vmax to fit the external components
used (e.g. max 16V)
Reg 21h <- 00h (for 16V maximum output voltage)
4
Switch on the DCDC converter
Reg 00h
≤ 08h
5
Wait 2ms (dcdc startup time and some margin)
6
Measure the voltage on CURR1
Reg 26h
≤ 98h (adc_select=CURR1, start ADC;
Fetch the ADC result from Reg 27h and 28h)
7
If the voltage on CURR1 is below 1.0V but above
0.1V, this LED string is working fine (typical value
will be at 0.5V)
For a proper working LED result must be below
<199h (1.0V) and above >29h (0.1V)
8
Switch off current sink CURR1
Reg 01h
≤ 00h (curr1_mode=off)
9
Repeat whole procedure for each used LED string
(replace CURR1 with CURR2 or CURR6)
Table 87. ADC Input Ranges, Compliances and Resolution
Channels (Pins)
Input Range
VLSB
Note
ALS/GPIO1, GPIO2, GPIO3 and
VANA, DLS1, DLS2
0V-2.5V
2.44mV
VLSB=2.5/1024
ADCTEMP_CODE
-30°C to 125°C
1 / ADCTC
junction temperature
Table 85. Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com