Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 50 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 50 Page - ams AG

Back Button AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG AS3677 Datasheet HTML 49Page - ams AG AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
49 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.6
LED Test
Figure 27. LED Function Testing
The AS3677 supports the verification of the functionality of all the connected LEDs (open and shorted LEDs and short
to VSS can be detected). This feature is especially useful in production test to verify the correct assembly of the LEDs,
all its connectors and cables. It can also be used in the field to verify if any of the LEDs is damaged. A damaged LED
can then be disabled (to avoid unnecessary currents).
The current sources, dcdc converter, charge pump and the internal ADC are used to verify correct operation of each
LED string.
8.6.1
Function Testing for single LEDs connected to the Charge Pump
For any current source connected to the charge pump (CURR30-33) where only one LED is connected between the
charge pump and the current sink (see Figure 27) use:
Table 85. Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code
1
Switch on the charge pump and set it into manual
1:2 mode (to avoid automatic mode switching
during measurements)
Reg 23h
≤ 14h (cp_mode = 1:2, manual)
Reg 00h
≤ 04h (cp_on = 1)
2
Switch on the current sink for the LED to be tested
e.g. for register CURR31set to 9mA use
Reg 0Dh
≤ 5Ah (rgb1_current = 9mA)
Reg 02h
≤ 01h (rgb1_mode = on)
3
Measure with the ADC the voltage on CPOUT
Reg 26h
≤ 95h (adc_select=CPOUT,start ADC)
Fetch the ADC result from Reg 27h and 28h
   
 
 



  
 
 

!
"
#
"
"
$

 %
  
& '
#
(("
((!
)&
((*
!
+
,
*
-
.
/
0
"1
(2"
(2!
(2+
 %  3
'
"4
"45
& '4 
#
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com