Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 24 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 24 Page - ams AG

Back Button AS3677 Datasheet HTML 20Page - ams AG AS3677 Datasheet HTML 21Page - ams AG AS3677 Datasheet HTML 22Page - ams AG AS3677 Datasheet HTML 23Page - ams AG AS3677 Datasheet HTML 24Page - ams AG AS3677 Datasheet HTML 25Page - ams AG AS3677 Datasheet HTML 26Page - ams AG AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
23 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.4
LED Pattern Generator
The LED pattern generator is capable of producing a pattern with 32 bits length and 1 second duration (31.25ms for
each bit). The pattern itself can be started every second, every 2
nd, 3rd up to 7th second3.
With this pattern all current sinks can be controlled. The pattern itself switches the configured current sources between
0 and their programmed current.
If everything else is switched off, the current consumption in this mode is IACTIVE. (excluding current through switched
on current source) and the charge pump, if required. The charge pump can be automatically switched on/off depending
on the pattern (set register cp_auto_on on page 16=1) to reduce the overall current consumption.
Table 28. Rgb1 current
Register
Addr: 0Bh
Rgb1 current
This register controls the RGB current sink current.
Bit
Bit Name
Default Access
Description
7:0
rgb1_current
0R/W
Defines current into Current sink RGB1
00h
0 mA
01h
0.1 mA
....
....
FFh
25.5 mA
Table 29. Rgb2 current
Register
Addr: 0Ch
Rgb2 current
This register controls the RGB current sink current.
Bit
Bit Name
Default Access
Description
7:0
rgb2_current
0R/W
Defines current into Current sink RGB2
00h
0 mA
01h
0.1 mA
....
....
FFh
25.5 mA
Table 30. Rgb3 current
Register
Addr: 0Dh
Rgb3 current
This register controls the RGB current sink current.
Bit
Bit Name
Default Access
Description
7:0
rgb3_current
0R/W
Defines current into Current sink RGB3
00h
0 mA
01h
0.1 mA
....
....
FFh
25.5 mA
3. All times can be extended by a factor of 8 by setting pattern_slow=1 (this result in a delay of up to 56s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com