Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 53 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 53 Page - ams AG

Back Button AS3677 Datasheet HTML 49Page - ams AG AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG AS3677 Datasheet HTML 56Page - ams AG AS3677 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
52 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
7
result_not_ready
N/A
R
Indicates end of ADC conversion cycle
0
Result is ready
1
Conversion is running
Table 90. ADC_LSB result
Register
Addr: 28h
ADC_LSB result
Together with Register 28h, this register contains the results (LSB) of an ADC
cycle
Bit
Bit Name
Default Access
Description
2:0
adc_result_lsb
N/A
R
ADC result register
Table 91. ADC_control
Register
Addr: 26h
ADC_control
This register input source selection and initialization of ADC
Bit
Bit Name
Default Access
Description
5:0
adc_select
1
02h
R/W
Selects input source as ADC input
000000 (00h)
GPIO2
000001 (01h)
VANA
000010 (02h)
ALS/GPIO1
000100 (04h)
GPIO3
000101 (05h)
RGB1
000110 (06h)
RGB2
000111 (07h)
RGB3
001000 (08h)
CURR1
001001 (09h)
CURR2
010001 (11h)
DLS1
010010(12h)
DLS2
010011 (13h)
CURR6
010100 (14h)
VBAT
010101 (15h)
CPOUT
010111 (17h)
ADCTEMP_CODE (junction temperature)
other codes
reserved
7
start_conversion
N/A
W
Writing a 1 into this bit starts one ADC conversion cycle.
1. See Table Table 87 for ADC ranges and resolution.
Table 89. ADC_MSB result
Register (Continued)
Addr: 27h
ADC_MSB result
Together with Register 27h, this register contains the results (MSB) of an ADC
cycle.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com