Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 15 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 15 Page - ams AG

Back Button AS3677 Datasheet HTML 11Page - ams AG AS3677 Datasheet HTML 12Page - ams AG AS3677 Datasheet HTML 13Page - ams AG AS3677 Datasheet HTML 14Page - ams AG AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG AS3677 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
14 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
The maximum voltage on the flying capacitor C4 is VBAT.
8.3.1
Charge Pump Mode Switching
If automatic mode switching is enabled (cp_mode_switching (see page 16) = 00 or cp_mode_switching = 01) the
charge pump monitors the current sinks, which are connected via a led to the output CPOUT. To identify these current
sources (sinks), the registers CP mode Switch1 and CP mode Switch2 (register bits rgb1_on_cp … rgb3_on_cp,
curr1_on_cp, curr2_on_cp and curr6_on_cp) should be setup before starting the charge pump (cp_on (see page 16) =
1). If any of the voltage on these current sources drops below the threshold (currlv_switch, currhv_switch), the next
higher mode is selected after the debounce time.
If the currX_on_cp=0 and the according current sink is connected to the charge pump, the current sink will be func-
tional, but there is no up switching of the charge pump, if the voltage compliance is too low for the current sink to sup-
ply the specified current.
Table 12. Charge Pump Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICPOUT
Output Current
Continuous
Depending on PCB layout
0.0
50
mA
VCPOUTmax
Output Voltage
Internally limited, Including output ripple
5.6
V
η
Efficiency
Including current sink loss;
ICPOUT < 50mA.
80
%
ICP1_2
Power Consumption
without Load,
fclk = 1 MHz
1:2 Mode
2.15
mA
Rcp1_1
Effective Charge
Pump Output
Resistance (Open
Loop, fclk = 1MHz)
1:1 Mode; VBAT
= 3V
8.8
Ω
Rcp1_2
1:1.2 Mode; VBAT
= 3V
31
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
currhv_switch
CURR1, 2, 6
minimum voltage
If the voltage drops below this threshold, the
charge pump will use the next available
mode
(1:1 -> 1:2)
0.45
V
currlv_switch
RGB1-3 minimum
voltage
0.2
V
tdeb
CP automatic up-
switching debounce
time
cp_start_debounce=0
240
µsec
After switching on CP (cp_on set to 1), if
cp_start_debounce=1
2000
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com