Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 57 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 57 Page - ams AG

Back Button AS3677 Datasheet HTML 53Page - ams AG AS3677 Datasheet HTML 54Page - ams AG AS3677 Datasheet HTML 55Page - ams AG AS3677 Datasheet HTML 56Page - ams AG AS3677 Datasheet HTML 57Page - ams AG AS3677 Datasheet HTML 58Page - ams AG AS3677 Datasheet HTML 59Page - ams AG AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
56 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
The clock line CLK is never held low by the AS3677 (as the AS3677 does not use clock stretching of the bus).
The AS3677 is compatible to the NXP two wire specification http://www.nxp.com/acrobat_download/literature/9398/
39340011.pdf, Version 2.1, January 2000 for standard and fast mode (no high speed mode).
8.10.1 Serial Interface Features
Fast Mode Capability (Maximum Clock Frequency is 400 kHz)
7-bit Addressing Mode
Write Formats
- Single-Byte Write
- Page-Write
Read Formats
- Current-Address Read
- Random-Read
- Sequential-Read
DATA Input Delay and CLK spike filtering by integrated RC components
8.10.2 Device Address Selection
The serial interface address of the AS3677 has the following address:
If ADR is connected to VSS: 80h – Write Commands, 81h – Read Commands
If ADR is connected to VBAT: 82h – Write Commands, 83h – Read Commands
Figure 31. Complete Serial Data Transfer
Serial Data Transfer Formats
Table 96. Serial Interface Voltages and Timings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIHI/F
High Level Input
Voltage
Pins DATA and CLK
1.38
VBAT
V
VILI/F
Low Level Input
Voltage
0.0
0.52
V
VHYSTI/F
Hysteresis
0.1
V
tRISE
Rise Time
0
1000
ns
tFALL
Fall Time
0
300
ns
VOL
Low Level Output
voltage
Pin DATA at 4mA
0.2
V
tCLK_FILTER
Spike Filter on CLK
100
ns
tDATA_FILTER
Spike Filter on DATA
300
ns
S
Start
Condition
Address R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
DATA
CLK
1-7
8
9
1-7
89
1-7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com