Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 47 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 47 Page - ams AG

Back Button AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG AS3677 Datasheet HTML 49Page - ams AG AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
46 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.5.3
GPIO Registers
VIHGPIO
High Level Input
Voltage
pins ALS/GPIO1, GPIO2 and
GPIO3
1.38
VANA
V
VILGPIO
Low Level Input
Voltage
0.52
V
VHYS
Hysteresis
0.1
V
ILEAK
Input Leakage Current
to VANA or VSS
-5
5
µA
VOHGPIO
High Level Output
Voltage
at Iout
0.8·VANA
V
VOLGPIO
Low Level Output
Voltage
0.2·
VANA
V
VOLINT
Low Level Output
voltage
Pin INT at 4mA
0.2
V
IOUT
Driving Capability
VANA = 2.8V,
gpio1_low_curr or
gpio2_low_curr or
gpio3_low_curr= 1
4
mA
VANA = 2.8V,
gpio1_low_curr or
gpio2_low_curr or
gpio3_low_curr= 0
10
1
CLOAD
Capacitive Load
50
pF
1. Limited by LDO driving capability - see LDO on page 9
Table 80. GPIO output 2
Register
Addr: 50h
GPIO output 2
This register controls GPIO3 outputs.
Bit
Bit Name
Default Access
Description
0
gpio1_out
0R/W
Writes a logic signal to pin ALS/GPIO1; this is independent
of any other bit setting e.g., gpio1_mode Table 82.
1
gpio2_out
0R/W
Writes a logic signal to pin GPIO2; this is independent of
any other bit setting e.g., gpio2_mode Table 82
2
gpio3_out
0R/W
Writes a logic signal to pin GPIO3; this is independent of
any other bit setting e.g., gpio3_mode Table 83
Table 81. GPIO signal 2
Register
Addr: 51h
GPIO signal 2
This register controls GPIO3 outputs.
Bit
Bit Name
Default Access
Description
0
gpio1_in
N/A
R
Reads a logic signal from pin ALS/GPIO1; this is
independent of any other setting e.g.,Table 82 except
gpio1_pulls=11
1
gpio2_ in
N/A
R
Reads a logic signal from pin GPIO2; this is independent of
any other setting e.g.,Table 82 except gpio2_pulls=11
2
gpio3_ in
N/A
R
Reads a logic signal from pin GPIO3; this is independent of
any other setting e.g.,Table 83 except gpio3_pulls=11
Table 79. GPIO and digital inputs DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com