Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 4 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 4 Page - ams AG

  AS3677 Datasheet HTML 1Page - ams AG AS3677 Datasheet HTML 2Page - ams AG AS3677 Datasheet HTML 3Page - ams AG AS3677 Datasheet HTML 4Page - ams AG AS3677 Datasheet HTML 5Page - ams AG AS3677 Datasheet HTML 6Page - ams AG AS3677 Datasheet HTML 7Page - ams AG AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
3 - 67
AS3677
Datasheet - P i n o u t
4 Pinout
4.1
Pin Assignments
Figure 3. Pin Assignments (Top View)
4.2
Pin Description
Table 1. Pin Description
Pin Number
Pin Name
Description
A1
C1_P
Charge pump flying capacitor
A2
CPOUT
Charge pump output capacitor
A3
VBAT_CP
Charge pump supply voltage
A4
VSS_DCDC
DCDC and charge pump power ground pad - make a short connection to
capacitor C1 and C2 (and C5)
A5
SW
Power pad - DCDC switch transistor output
B1
C1_N
Charge pump flying capacitor
B2
ALS/GPIO1
Ambient Light Sensor input and General Purpose Input Output 1
B3
VBAT
Positive supply pad - Connect to battery.
B4
VSS
ground pad
B5
VSS
ground pad
C1
VANA
LDO Output pad
C2
INT
interrupt output - open drain active low
C3
ADR
I
2C address select input
C4
RGB2
Analog current sink input
C5
RGB1
Analog current sink input
 



 
 

 

 





 





 




!



!



!



!
 
"

"

"
#
"

"!
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com