Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 34 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 34 Page - ams AG

Back Button AS3677 Datasheet HTML 30Page - ams AG AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG AS3677 Datasheet HTML 34Page - ams AG AS3677 Datasheet HTML 35Page - ams AG AS3677 Datasheet HTML 36Page - ams AG AS3677 Datasheet HTML 37Page - ams AG AS3677 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
33 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Each of the available three channels (N=1 or 2) has six 8-bit registers:
- groupN_y0: define current multiplier for values below groupN_X1
- groupN_y3: define current multiplier for high values (actual starting point defined by groupN_x1,groupN_k1 and
groupN_x2,groupN_k2)
- groupN_x1, groupN_k1: If ADC reading is > groupN_x1 then groupN_k1 divided by 32 defines the slope of the
first ramp
- groupN_x2, groupN_k2: If ADC reading is > groupN_x2 then groupN_k2 divided by 32 defines the slope of the
second ramp
Each current sources has a 2 bit register (currX_amb_group) to select None, Group1 or Group2 of ambient light sens-
ing.
The calculations are done every 1ms resulting in a flicker-free 1000Hz update rate of the current sources.
Note:
The ADC is switched off between conversion to save power.
All groupN_k1 and groupN_k2 values are divided by 32 except group3_k1 (see page 39), which is divided by
1. This allows a step response to a small change in the input signal (e.g. for keyboard backlight).
Table 44. ALS Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IALSON
ALS operating current averaged; excluding LDO supplying external
sensor - see LDO on page 9
19
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com