Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 27 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 27 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 23Page - CML Microcircuits CMX608 Datasheet HTML 24Page - CML Microcircuits CMX608 Datasheet HTML 25Page - CML Microcircuits CMX608 Datasheet HTML 26Page - CML Microcircuits CMX608 Datasheet HTML 27Page - CML Microcircuits CMX608 Datasheet HTML 28Page - CML Microcircuits CMX608 Datasheet HTML 29Page - CML Microcircuits CMX608 Datasheet HTML 30Page - CML Microcircuits CMX608 Datasheet HTML 31Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
27
D/608_18_38/11
Mode 1
The DTMF 4-bit number is detected from the DTMF data frame. The 4-bit code is made
available in the DFRAMEDATA register ($37) and is also re-synthesized as a tone at the
output. This mode is enabled by setting bits 5 and 6 in the VCTRL register ($11) to '1'.
Mode 2
The DTMF 4-bit number is detected from the DTMF data frame. The 4-bit code is made
available in the DFRAMEDATA register ($37) andsilence is output from the Codec. This
mode is enabled by setting bit 5 in the VCTRL register ($11) to '1' and by setting bit 6 in the
VCTRL register to '0'.
The DTMF generators and detectors are provided so that commonly encountered tones can be
reproduced naturally at the other end of a Vocoded link, rather than being interpreted as a form of speech.
They should not be relied upon to provide an error free method of relaying tone signalling to other
decoders, such as a telephone exchange DTMF detector, for example.
5.7.3.
DTMF Format
The DTMF format is selected by bit 7 in the (Vocoder Configuration) VCFG register ($07), according to the
following tables:
Format 1
This format is used when bit 7 of the VCFG register ($07) is cleared to '0'.
Bit 3
Bit 2
Bit 1
Bit 0
Symbol
0
0
0
0
D
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
7
1
0
0
0
8
1
0
0
1
9
1
0
1
0
0
1
0
1
1
*
1
1
0
0
#
1
1
0
1
A
1
1
1
0
B
1
1
1
1
C
Table 2 DTMF - Format 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com