Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 17Page - CML Microcircuits CMX608 Datasheet HTML 18Page - CML Microcircuits CMX608 Datasheet HTML 19Page - CML Microcircuits CMX608 Datasheet HTML 20Page - CML Microcircuits CMX608 Datasheet HTML 21Page - CML Microcircuits CMX608 Datasheet HTML 22Page - CML Microcircuits CMX608 Datasheet HTML 23Page - CML Microcircuits CMX608 Datasheet HTML 24Page - CML Microcircuits CMX608 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
21
D/608_18_38/11
2400bps
A 20ms Vocoder frame consists of 48 bits. 24 bits are more sensitive and 24 bits are less sensitive. A
single frame is transferred between the device and the host as 6 bytes. The table below shows the bit
positions in the transferred bytes. The more sensitive bits are shown white on black. The byte at the top is
the first out of the C-BUS for the encoder and the first into the C-BUS for the decoder.
7
6
5
4
3
2
1
0
B7
B6
B5
B4
B3
B2
B1
B0
B15
B14
B13
B12
B11
B10
B9
B8
B23
B22
B21
B20
B19
B18
B17
B16
B31
B30
B29
B28
B27
B26
B25
B24
B39
B38
B37
B36
B35
B34
B33
B32
B47
B46
B45
B44
B43
B42
B41
B40
There are no un-used bits in the packet. For multiple frame packets, each frame is 6 bytes and is read or
written to the C-BUS in chronological order.
2750bps
A 20ms Vocoder frame consists of 55 bits. 23 bits are more sensitive and 32 bits are less sensitive. A
single frame is transferred between the device and the host as 7 bytes. The table below shows the bit
positions in the transferred bytes. The more sensitive bits are shown white on black. The byte at the top is
the first out of the C-BUS for the encoder and the first into the C-BUS for the decoder.
7
6
5
4
3
2
1
0
B7
B6
B5
B4
B3
B2
B1
B0
B15
B14
B13
B12
B11
B10
B9
B8
B23
B22
B21
B20
B19
B18
B17
B16
B31
B30
B29
B28
B27
B26
B25
B24
B39
B38
B37
B36
B35
B34
B33
B32
B47
B46
B45
B44
B43
B42
B41
B40
x
B54
B53
B52
B51
B50
B49
B48
The most significant bit of the last byte is un-used. Its value is indeterminate. For multiple frame packets,
each frame is 7 bytes (with 1 unused bit in the last byte) and is read or written to the C-BUS in
chronological order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com