Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits CMX608 Datasheet HTML 44Page - CML Microcircuits CMX608 Datasheet HTML 45Page - CML Microcircuits CMX608 Datasheet HTML 46Page - CML Microcircuits CMX608 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
43
D/608_18_38/11
When running the Vocoder in full-duplex mode (CMX638 only), the last bit of the data to be
decoded should be clocked into the device no later than 6ms after the VDA bit is set and (if
enabled) the corresponding IRQN is generated. This will ensure that the decoding and encoding
operations are scheduled correctly. Note that a C-BUS clock of at least 200kHz will be required in
streaming mode for transferring 80ms samples of soft decision encoded data. A higher C-BUS
clock speed is required if the data transfer is done a byte at a time.
The following table shows the frequency and packet size that needs to be written against the
configuration setting:
VCFG Register
Description of packet
DECFRAME
7
6
5
4
3
2
1
0
Byte
Count
Prod.
every
x
x
x
0
0
1
0
1
2400bps 1x20ms frame
6
20ms
x
x
x
0
0
1
1
0
2400bps 2x20ms frames
12
40ms
x
x
x
0
0
1
1
1
2400bps 3x20ms frames
18
60ms
x
x
x
0
0
1
0
0
2400bps 4x20ms frames
24
80ms
x
x
x
0
1
0
0
1
2750bps 1x20ms frame
7
20ms
x
x
x
0
1
0
1
0
2750bps 2x20ms frames
14
40ms
x
x
x
0
1
0
1
1
2750bps 3x20ms frames
21
60ms
x
x
x
0
1
0
0
0
2750bps 4x20ms frames
28
80ms
x
x
1
1
0
1
1
1
2400bps 3x20ms frames
with FEC / Hard bits
27
60ms
x
x
1
1
1
0
1
1
2750bps 3x20ms frames
with FEC / Hard bits
27
60ms
x
x
1
1
0
1
0
0
2400bps 4x20ms frames
with FEC / Hard bits
36
80ms
x
x
1
1
1
0
0
0
2750bps 4x20ms frames
with FEC / Hard bits
36
80ms
x
x
0
1
0
1
1
1
2400bps 3x20ms frames
with FEC / Soft bits
108
60ms
x
x
0
1
1
0
1
1
2750bps 3x20ms frames
with FEC / Soft bits
108
60ms
x
x
0
1
0
1
0
0
2400bps 4x20ms frames
with FEC / Soft bits
144
80ms
x
x
0
1
1
0
0
0
2750bps 4x20ms frames
with FEC / Soft bits
144
80ms
Table 6 Decoder Packet Description
This register is also used for loading blocks of Function Image
™ data. Refer to section 6.7 for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com