Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 55 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 55 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 51Page - CML Microcircuits CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits CMX608 Datasheet HTML 54Page - CML Microcircuits CMX608 Datasheet HTML 55Page - CML Microcircuits CMX608 Datasheet HTML 56Page - CML Microcircuits CMX608 Datasheet HTML 57Page - CML Microcircuits CMX608 Datasheet HTML 58Page - CML Microcircuits CMX608 Datasheet HTML 59Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
55
D/608_18_38/11
6.
Application Notes
6.1.
Basic Operation of the Vocoder
This sequence of instructions assumes that the device is in its reset state and that the ENABXTAL pin is
set to '1'. The device may be reset, either by pulling the RESETN (pin 30) to '0' and then to '1', or by writing
to the RESET register ($01). The device will be ready to accept commands approximately 1.5 milliseconds
after a soft reset and will indicate that it is ready by setting bit 15 of the STATUS register ($40) to '1' and
also by indicating a C-BUS interrupt request (if enabled) by setting the IRQN pin to '0'.
The CMX608/CMX618/CMX638 device is for use in either an interrupt driven or a polled system. It will
indicate that it needs attention by setting a bit in the STATUS register and, if enabled, by taking the IRQN
pin to '0', thus generating an interrupt.
Initialisation:
1.
Enable interrupts and establish internal processor speed
Write $C107 into the IRQENAB register ($1F)
Write $0005 into the CLOCK register ($1D)
Write $00 into the DTMFATTEN register ($0A).
Wait for a C-BUS interrupt or poll the STATUS register ($40) until bit 14 (SVC) is set to '1'.
For this example, all available interrupts have been enabled and the slow processor speed has
been selected with no DTMF attenuation.
2.
Turn on BIAS and internal A/D and D/A converter (CMX618/CMX638 only)
Write $03 into the POWERSAVE register ($09).
Using the recommended 100nF bias capacitor: 100ms is required for the bias to reach its final
level.
3.
Configure Vocoder
Write $37 into the VCFG register ($07).
This sets the Vocoder up to encode and decode 60ms packets of voice, using a Vocoder rate of
2400 bps data and 1200 bps FEC. Frames for decoding are expected to be hard bits.
4.
Wait for configuration to complete
Wait for a C-BUS interrupt or poll the STATUS register ($40) until bit 15 is set.
Read the SVCACK register ($2E) and check that bit 0 is set to '1', which indicates that the device
has accepted the configuration. If this bit is not set to '1', it indicates that an incorrect value was
written to VCFG register.
The host should now wait for up to 100ms, to allow the bias capacitor to finish charging.
The device is now in a position to encode or decode. Step 5 or step 8 may now be executed.
Encoding:
5.
Start encoder running (stop decoder if it was running)
Write $0002 into the VCTRL register ($11).
This tells the Vocoder to start collecting audio samples for encoding. If the device was previously
decoding, the decoder will be disabled and audio output will cease.
6.
Wait for control command to complete
Wait for a C-BUS interrupt, or poll the STATUS register ($40) until bit 15 is set to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com