Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 56 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 56 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits CMX608 Datasheet HTML 54Page - CML Microcircuits CMX608 Datasheet HTML 55Page - CML Microcircuits CMX608 Datasheet HTML 56Page - CML Microcircuits CMX608 Datasheet HTML 57Page - CML Microcircuits CMX608 Datasheet HTML 58Page - CML Microcircuits CMX608 Datasheet HTML 59Page - CML Microcircuits CMX608 Datasheet HTML 60Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
56
D/608_18_38/11
Read the SVCACK register ($2E) and check that bit 0 is set to '1', which indicates that the device
has accepted the control command. If this bit is not set to '1', it indicates that a control command
was sent before a valid configuration was sent.
7.
Wait for encoded frames
Wait for a C-BUS interrupt, or poll the STATUS register ($40) until bit 0 is set to '1'.
Read 27 bytes from the ENCFRAME register ($30).
Repeat this step until no more encoded voice frames are required.
Go to step 8 or step 11.
Decoding:
8.
Start decoder running (stop encoder if it was running)
Write $0001 into the VCTRL register ($11).
This tells the Vocoder to disable the encoder and stop collecting samples if previously encoding. It
will also enable the decoder.
9.
Wait for control command to complete
Wait for a C-BUS interrupt, or poll the STATUS register ($40) until bit 15 is set to '1'.
Read the SVCACK register ($2E) and check that bit 0 is set to '1', which indicates that the device
has accepted the control command. If this bit is not set to '1', it indicates that a control command
was sent before a valid configuration was sent.
10. Supply frames for decoding
Write a 27 byte frame into the DECFRAME register ($10).
Wait for 60 milliseconds, and repeat.
Go to step 5 or step 11.
Powersaving:
11. Stop encoder and decoder
Write $0000 into the VCTRL register ($11).
12. Stop the clock
Pull the ENABXTAL pin (pin 34) to '0'.
(Note that additional power can be saved by powering down the BIAS pin. However, it is necessary
to wait for 100ms for the BIAS pin to reach its steady-state value of AVDD / 2 after the bias chain
has been powered-up again, which is done by setting POWERSAVE register ($09) bit 0 to '1').
Reactivation:
13. Start the clock
Pull the ENABXTAL pin (pin 34) to '1'.
14. Wait for device to be ready
The host must wait for at least 27ms before starting the encoder or decoder.
15. Start encoding or decoding
Jump to step 5 or step 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com