Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 4 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 4 Page - CML Microcircuits

  CMX608 Datasheet HTML 1Page - CML Microcircuits CMX608 Datasheet HTML 2Page - CML Microcircuits CMX608 Datasheet HTML 3Page - CML Microcircuits CMX608 Datasheet HTML 4Page - CML Microcircuits CMX608 Datasheet HTML 5Page - CML Microcircuits CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
4
D/608_18_38/11
Table
Page
Table 1 Clock/Crystal Selection .....................................................................................................10
Table 2 DTMF - Format 1...............................................................................................................27
Table 3 Standard DTMF Keypad Layout ........................................................................................28
Table 4 DTMF - Format 2...............................................................................................................28
Table 5 C-BUS Register Addresses...............................................................................................31
Table 6 Decoder Packet Description..............................................................................................43
Table 7 Encoder Packet Description ..............................................................................................45
Figure
Page
Figure 1 Block Diagram....................................................................................................................5
Figure 2 CMX608 Recommended External Components ................................................................9
Figure 3 CMX618/CMX638 Recommended External Components...............................................10
Figure 4 CMX618/CMX638 Power Supply and De-coupling ..........................................................11
Figure 5 Recommended External Components
– Differential CODEC Inputs...............................12
Figure 6 Recommended External Components
– Single-ended CODEC Inputs...........................12
Figure 7 Recommended External Components
– CODEC Output ................................................12
Figure 8 Single Frame Packet Encoding........................................................................................15
Figure 9 Multiple Frame Packet Encoding .....................................................................................16
Figure 10 Single Frame Packet Decoding .....................................................................................18
Figure 11 Single Frame Packet Decoding with Host Jitter .............................................................18
Figure 12 Single Frame Packet Decoding with Host Jitter (Increased IDD) ..................................19
Figure 13 Multiple Frame Packet Decoding ...................................................................................19
Figure 14 Overall Signal Latency ...................................................................................................20
Figure 15 PCM3500 Interface ........................................................................................................25
Figure 16 Basic C-BUS Transactions ............................................................................................29
Figure 17 C-BUS Data-Streaming Operation .................................................................................30
Figure 18 C-BUS Timing ................................................................................................................66
Figure 19 CODEC (SSP) Port Timing (Slave Mode)......................................................................66
Figure 20 ADC Input Filter - Typical Response..............................................................................67
Figure 21 DAC Output Filter - Typical Response ...........................................................................67
Figure 22 48-pin LQFP Mechanical Outline (L4)...........................................................................68
Figure 23 48-pin VQFN Mechanical Outline (Q3) ..........................................................................69
It is always recommended that you check for the latest product datasheet version from the Datasheets
page of the CML website: [http://www.cmlmicro.com/].
History
Version
Changes
Date
11
 Editorial improvements
19.09.14
10
 Corrected the lack of termination of the SYNC pin (pin 25)
31.07.12
9
 Corrected minor rerrors and the table definition of bits 2, 3 in section 5.10.1.
19.05.09
8
 Clarified the function of the ENABXTAL and RESETN/General Reset functions.
 Added power supply ground plane layout drawing.
12.12.08
7
 Clarification of when to write packets in full duplex mode
 Information added about loading Function Images™ into the device
 Clarification on choice of Xtal and Clock speed
 Clarification on use of the CLOCK and DTMFATTEN registers
 Information added about use of the PLEVEL (peak level) register
 Corrections to "Basic Operation of the Vocoder" (section 6.1) and to "Download
Protocol for Function Updates" (section 6.7)
 Typical I
DD Digital current consumption figure amended for full duplex mode
 Correction to the description of dPMR frames in section 5.4.2
18.07.08
6
 First Release of document with CMX638 (full-duplex device) included
19.03.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com