Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 37 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 37 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
37
D/608_18_38/11
Bit 4 to 7
These bits specify the duration of the DTMF signalling in terms of Vocoder
frames,
FRAME
which each have a length of 20ms.
COUNT
Bit 7
Bit 6
Bit 5
Bit 4
Frames
Symbol
0
0
0
0
OFF
OFF
0
0
0
1
1
20ms
0
0
1
0
2
40ms
0
0
1
1
3
60ms
0
1
0
0
4
80ms
0
1
0
1
5
100ms
0
1
1
0
6
120ms
0
1
1
1
7
140ms
1
0
0
0
8
160ms
1
0
0
1
9
180ms
1
0
1
0
10
200ms
1
0
1
1
11
220ms
1
1
0
0
12
240ms
1
1
0
1
13
260ms
1
1
1
0
14
280ms
1
1
1
1
ON
Continuous
POWERSAVE register address $09
7
6
5
4
3
2
1
0
0
0
0
THROTTLE
ADCON
DACON
CODEC
BIAS
This write-only register controls the powersaving features of the device. All the bits in this register
are cleared to '0' after a power up reset. Before vocoding analogue signals, the BIAS and CODEC
functions must be turned on. If the device is being used only as a repeater with no monitoring,
then the CODEC and BIAS functions may be switched off.
Bit 0
Setting this bit to '1' will turn on the analogue bias. The host should wait for
BIAS
approximately 100ms to allow the bias capacitors to charge.
Clearing this bit to '0' will turn off the analogue bias.
Bit 1
Setting this bit to '1' will turn on the CODEC master clock and set it up for use with
CODEC
the vocoding function.
Clearing this bit to '0' will turn off the master clock of the CODEC.
Bit 2
Setting this bit to '1' will prevent the DAC from being power-saved when the
DACON
device is not decoding.
Clearing this bit to '0' will cause DAC to be power-saved whenever the device is
not decoding.
Bit 3
Setting this bit to '1' will prevent the ADC from being power-saved when the
ADCON
device is not encoding.
Clearing this bit to '0' will cause the ADC to be power-saved whenever the device
is not encoding.
CMX608 Note: Bits 0 to 3 have no effect in the CMX608 and should be cleared to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com