Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 61 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 61 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 57Page - CML Microcircuits CMX608 Datasheet HTML 58Page - CML Microcircuits CMX608 Datasheet HTML 59Page - CML Microcircuits CMX608 Datasheet HTML 60Page - CML Microcircuits CMX608 Datasheet HTML 61Page - CML Microcircuits CMX608 Datasheet HTML 62Page - CML Microcircuits CMX608 Datasheet HTML 63Page - CML Microcircuits CMX608 Datasheet HTML 64Page - CML Microcircuits CMX608 Datasheet HTML 65Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
61
D/608_18_38/11
7.
Performance Specification
7.1.
Electrical Performance
7.1.1.
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Power Supplies
IOVDD - VSS
-0.3
4.0
V
VDD - VSS
-0.3
2.16
V
AVDD - AVSS
-0.3
4.0
V
VDDPA - VSSPA
-0.3
4.0
V
Voltage on any pin to VSS
-0.3
IOVDD + 0.3
V
Current into or out of any pin, except power supply pins,
OUTP and OUTN.
-20
+20
mA
Current into or out of power supply pins, OUTP and OUTN.
-120
+120
mA
L4 Package (48-pin LQFP)
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
–
1600
mW
... Derating
–
16.0
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Q3 Package (48-pin VQFN)
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
–
1750
mW
... Derating
–
17.5
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
7.1.2.
Operating Limits
Correct operation of the device outside these limits is not implied.
Min
Typ
Max.
Units
IOVDD - Vss
3.0
3.3
3.6
V
VDD - VSS
1.7
1.8
1.9
V
AVDD - AVSS (connect as IOVDD - VSS in CMX608)
3.0
3.3
3.6
V
VDDPA - VSSPA (connect as IOVDD - VSS in CMX608)
3.0
3.3
3.6
V
Operating Temperature
-40
–
+85
°C
Xtal Frequency
9.6
–
12
MHz
External Clock Frequency (injected into XTALin pin)
9.6
–
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com