Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 20 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 16Page - CML Microcircuits CMX608 Datasheet HTML 17Page - CML Microcircuits CMX608 Datasheet HTML 18Page - CML Microcircuits CMX608 Datasheet HTML 19Page - CML Microcircuits CMX608 Datasheet HTML 20Page - CML Microcircuits CMX608 Datasheet HTML 21Page - CML Microcircuits CMX608 Datasheet HTML 22Page - CML Microcircuits CMX608 Datasheet HTML 23Page - CML Microcircuits CMX608 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
20
D/608_18_38/11
5.4.
Overall Signal Latency
Figure 14 Overall Signal Latency
The overall latency of a signal through an encoder/decoder pair is shown diagrammatically in Figure 14.
5.5.
Vocoder Data Format and Bit Order
Packets of both raw and FEC protected Vocoder data are transferred between the device and the host
microprocessor over the byte-wide streaming C-BUS registers. The following sections describe how the
data is organised for the various configurations.
5.5.1.
Packets of Raw Vocoder Frames
The device can produce encoded voice at two different bit rates: 2400bps and 2750bps. The higher the bit
rate, the more bits per 20ms are produced. These bits are packed into bytes for transfer over the C-BUS.
For each bit rate, some of the bits produced are more sensitive to corruption and some are less sensitive.
For applications where the in-built FEC protection is not going to be used, perhaps because the user
already has an existing FEC system, the bits should be encapsulated in such a way that those which are
more sensitive to corruption have the greatest protection.
The bits in a frame are named B0, B1, B2 …
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com