Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 22 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 18Page - CML Microcircuits CMX608 Datasheet HTML 19Page - CML Microcircuits CMX608 Datasheet HTML 20Page - CML Microcircuits CMX608 Datasheet HTML 21Page - CML Microcircuits CMX608 Datasheet HTML 22Page - CML Microcircuits CMX608 Datasheet HTML 23Page - CML Microcircuits CMX608 Datasheet HTML 24Page - CML Microcircuits CMX608 Datasheet HTML 25Page - CML Microcircuits CMX608 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
22
D/608_18_38/11
5.5.2.
Packets of FEC Protected Frames
The device has a built-in FEC system to protect the Vocoder frames when transported over an error prone
channel. The data interleaving has been organised to provide good performance over a channel with burst
errors, typical in wireless applications. Only the bits that are more sensitive to corruption are protected
FEC can be applied over 3 or 4 frames resulting in a packet of 216 or 288 bits, regardless of the Vocoder
bit rate. The bits in the packet are named D0 through D215 (or D287). The bits should be transmitted in
order, starting with D0 and ending with D215 (or D287).
Hard-bits
Hard bits are represented by one bit per bit. These are packed into 27 bytes for 3-frame FEC and 36 bytes
for 4-frame FEC.
The following table shows how these bits are packed and transferred between the
Vocoder and the host microprocessor. The byte at the top is the first out of the C-BUS for the encoder and
the first into the C-BUS for the decoder.
7
6
5
4
3
2
1
0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
Intervening bits follow the same pattern
D200
D201
D202
D203
D204
D205
D206
D207
D208
D209
D210
D211
D212
D213
D214
D215
For 4 frame packets, the sequence continues thus...
D272
D273
D274
D275
D276
D277
D278
D279
D280
D281
D282
D283
D284
D285
D286
D287
Soft-bits
Soft bits are represented by one nibble per bit. These should be packed into 108 bytes for a 3-frame FEC
and 144 bytes for a 4-frame FEC. The following table shows how these bits should be packed and sent to
the decoder over the C-BUS. The byte at the top should be the first one sent. The bits of a nibble are
shown as n3 to n0, with n3 being the most significant and n0 being the least significant.
7
6
5
4
3
2
1
0
n3
n2
n1
n0
n3
n2
n1
n0
D0
D1
D2
D3
Intervening bits follow the same pattern
D212
D213
D214
D215
For 4 frame packets, the sequence continues thus...
D284
D285
D286
D287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com