Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 33 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 33 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 29Page - CML Microcircuits CMX608 Datasheet HTML 30Page - CML Microcircuits CMX608 Datasheet HTML 31Page - CML Microcircuits CMX608 Datasheet HTML 32Page - CML Microcircuits CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
33
D/608_18_38/11
Bit 2 and 3
These two bits control the period/frequency of the sync pulse output from SYNC
PERIOD
pin 25, when it is set to produce sync pulses.
Bit 3
Bit 2
Description
0
0
8kHz square wave
0
1
Pulse every 20ms
1
0
Pulse every 40ms
1
1
Pulse every 60ms
Bits 4 to 7
These bits are unused and should be cleared to '0'.
5.10.2.
8 Bit Write-Only Registers
AIG register address $05 (CMX618/CMX638 only. No function on CMX608.)
7
6
5
4
3
2
1
0
INPUT GAIN SWITCH
0
0
0
INPUT GAIN
This is the analogue input gain control register. Because the amplitude of speech fluctuates, it is
important to set the average speech level such that the level of distortion that results from the
occasional overdriving of the inputs is at an acceptable level. The ADC is designed not to saturate,
but will clip input signals which are too large. The ADC is a sigma-delta design with a sampling
frequency of 2.4MHz and subsequent decimation by a factor of 300.
Bits 0 to 3
These bits control the input gain stage according to the following table:
INPUT GAIN
Bit 3
Bit 2
Bit 1
Bit 0
Gain (dB)
0
0
0
0
0 (default)
0
0
0
1
1.5
0
0
1
0
3.0
0
0
1
1
4.5
0
1
0
0
6.0
0
1
0
1
7.5
0
1
1
0
9.0
0
1
1
1
10.5
1
0
0
0
12.0
1
0
0
1
13.5
1
0
1
0
15.0
1
0
1
1
16.5
1
1
0
0
18.0
1
1
0
1
19.5
1
1
1
0
21.0
1
1
1
1
22.5
Bits 4 to 6
These bits are unused and should be cleared to '0'
Bit 7
A '0' in this bit sets the microphone amplifier gain to 0dB. A '1' in this bit sets the
INPUT
microphone amplifier gain to +20dB. Using this switch will achieve a better noise
GAIN
performance than using an equivalent gain setting in bits 0-3.
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com