Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 7 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 3Page - CML Microcircuits CMX608 Datasheet HTML 4Page - CML Microcircuits CMX608 Datasheet HTML 5Page - CML Microcircuits CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits CMX608 Datasheet HTML 10Page - CML Microcircuits CMX608 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
7
D/608_18_38/11
CMX608/
CMX618/
CMX638
L4/Q3
Signal
Description
Pin No.
Name
Type
19
EEC
Digital
Output
Enable external CODEC, controlled by the C-BUS
20
REC
Digital
Output
Reset external CODEC, controlled by the C-BUS
21
NC
Reserved for future use. Do not connect to this pin.
22
VSS
Power
Negative Power Supply 0V
23
NC
CMX608: Reserved for future use. Do not connect to this pin.
CSEL
Digital Input
CMX618/CMX638: CODEC Select (Internal if '1', External if '0')
This pin must be connected to either IOVDD or VSS.
24
IOVDD
Power
Digital I/O Positive Power Supply 3.3V
25
SYNC
Digital
Input/Output
Synchronisation Input/Output. By default, this pin is an input
and must be connected by the user to either IOVDD or VSS.
26
VSS
Power
Negative Power Supply 0V
27
XTALin
Input
Crystal Input
28
XTALout
Output
Crystal Output
29
IOVDD
Power
Digital I/O Positive Power Supply 3.3V
30
RESETN
Digital Input
General Reset (active low)
31
XTALSEL1
Digital Input
These bits select the crystal/clock frequency,
according to Table 1.
32
XTALSEL2
Digital Input
33
XTALSEL3
Digital Input
34
ENABXTAL
Digital Input
Enable Crystal Oscillator/External Clock Input
35
IOVDD
Power
Digital I/O Positive Power Supply 3.3V
36
NC
Reserved for future use. Do not connect to this pin.
37
NC
Reserved for future use. Do not connect to this pin.
38
NC
Reserved for future use. Do not connect to this pin.
39
NC
Reserved for future use. Do not connect to this pin.
40
NC
Reserved for future use. Do not connect to this pin.
41
VSS
Power
Negative Power Supply 0V
42
CLK
Digital Input
C-BUS Serial Clock
C-BUS
43
CDATA
Digital Input
C-BUS Command Data
44
RDATA
Tri-state
Output
C-BUS Reply Data
45
CSN
Digital Input
C-BUS Chip Select (bar)
46
IRQN
Open Drain
Digital
Output
C-BUS Interrupt Request (bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com