Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 35 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 35 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 31Page - CML Microcircuits CMX608 Datasheet HTML 32Page - CML Microcircuits CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
35
D/608_18_38/11
VCFG register address $07 (also MVCFG register address $2C)
7
6
5
4
3
2
1
0
DTMFF
DTX
HDD
FEC
BITRATE
FRAMES
This write-only register controls the configuration of the Vocoder. Certain aspects of the Vocoder
will be set up and initialised. The VCFG register is mirrored by the MVCFG register ($2C). This
read-only register holds the last value written to the VCFG ($07) register. The MVCFG register is
updated before the value is validated and therefore may be used as confirmation that a write
command to a 8-bit C-BUS register is working.
The VCFG command should only be issued when the device is not actively encoding, decoding or
performing an FEC loop, i.e when bits 0 to 2 of the VCTRL register ($11) are '0'.
After this
command has completed, bit 15 of the STATUS register ($40) will be set and, if enabled, IRQN
will go low.
No other C-BUS registers should be read or written whilst this command is in
progress.
If the command was successful, the value '1' will be written into the SVCACK register ($2E).
If the command was unsuccessful due to an invalid bit rate or due to it being issued when the
device is active, the value '0' will be written into the SVCACK register.
Also see Table 6 and Table 7 for a description of the VCFG register configuration for the various
decoder and encoder packet sizes.
Bits 1 and 0
Specifies the number of 20ms frames transferred according to the following table:
FRAMES
Bit 1
Bit 0
Description
0
0
4 off 20ms frames
0
1
1 off 20ms frames
1
0
2 off 20ms frames
1
1
3 off 20ms frames
Bits 3 and 2
Specifies the Vocoder bit rate according to the following table:
BITRATE
Note that programming both bit 2 and bit 3 to '1' will cause this command to fail.
i.e. An invalid bit rate.
Bit 3
Bit 2
Description
0
0
reserved
0
1
2400 bits per second
1
0
2750 bits per second
1
1
Not used
Bit 4
If this bit is set to '1', an FEC encoded packet will be produced by the encoder,
FEC
and an FEC encoded packet will be expected by the decoder. If this bit is cleared
to '0', packets of raw Vocoder frames will be produced and expected.
FEC is only available when 3 or 4 frame packets are being transferred. This bit
will be ignored for any other frames setting. See also section 6.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com