Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 24 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 20Page - CML Microcircuits CMX608 Datasheet HTML 21Page - CML Microcircuits CMX608 Datasheet HTML 22Page - CML Microcircuits CMX608 Datasheet HTML 23Page - CML Microcircuits CMX608 Datasheet HTML 24Page - CML Microcircuits CMX608 Datasheet HTML 25Page - CML Microcircuits CMX608 Datasheet HTML 26Page - CML Microcircuits CMX608 Datasheet HTML 27Page - CML Microcircuits CMX608 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
24
D/608_18_38/11
PCM3500
This CODEC should be supplied with a 4096MHz clock, giving a sample rate of 8ksample/s.
The
connections for this device are shown below and in Figure 15:
PCM3500
CMX608/CMX618/CMX638
Pin
Name
Pin
Name
1
Vcom
Follow data sheet
2
Vref1
Follow data sheet
3
Vref2
Follow data sheet
4
Vin
Follow data sheet
5
AGND
Follow data sheet
6
M/S
Pull high - Master mode
7
TSC
Pull high - Time slot mode
8
BCK
Connect to
17
SCLK
9
FS
Connect to
18
STRB
10
DIN
Connect to
16
SDO
11
DOUT
Connect to
15
SDI
12
FSO
Leave Unconnected
13
Vdd
Follow data sheet
14
DGND
Follow data sheet
15
SCKIO
Follow data sheet
16
XTO
Follow data sheet
17
XTI
Follow data sheet
18
HPFD
Follow data sheet
19
LOOP
Follow data sheet
20
PDWN
Connect to
20
REC
21
AGND
Follow data sheet
22
Vout
Follow data sheet
23
AGND
Follow data sheet
24
Vcc
Follow data sheet
The PCM3500 is started using the following sequence of instructions:
Select the external CODEC type - PCM3500.
Write $45 (CODEC_PCM3500) into the EXCODECCONT register ($0B) and then wait for
the RDY bit to be set in the STATUS register ($40). If C-BUS interrupts are enabled for
the RDY bit, then IRQN will go low as well - this applies to the rest of the sequence.
Ensure that the CODEC is in its power-save/reset mode, the CODEC port (SSP) is
disabled and the CODEC command FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com