Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 41 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 41 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits CMX608 Datasheet HTML 44Page - CML Microcircuits CMX608 Datasheet HTML 45Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
41
D/608_18_38/11
$07 (ECC_CODEC_START)
Starts the CODEC running. The exact effect of this command is CODEC dependant. If any of the
generic CODEC settings are chosen, this command does not do anything. Please refer to the
external CODEC support section.
$08 (ECC_CODEC_PSAVE)
Places the CODEC in a powersave state.
The exact effect of this command is CODEC
dependant.
If any of the generic CODEC settings are chosen, this command does not do
anything. Please refer to the external CODEC support section.
$09 (ECC_EEC_LOW)
Set the output port EEC low, without affecting the REC port. Using this command removes the
need to hold a shadow register for the port states.
$0A (ECC_EEC_HIGH)
Set the output port EEC high, without affecting the REC port. Using this command removes the
need to hold a shadow register for the port states.
$0B (ECC_REC_LOW)
Set the output port REC low, without affecting the EEC port. Using this command removes the
need to hold a shadow register for the port states.
$0C (ECC_REC_HIGH)
Set the output port REC high, without affecting the EEC port. Using this command removes the
need to hold a shadow register for the port states.
$0D - $3F Reserved.
SEL1 / SEL0 = '11' - Reserved
7
6
5
4
3
2
1
0
1
1
reserved
IDD register address $0C
7
6
5
4
3
2
1
0
Delay
This write-only register controls an initial delay in sending samples to the CODEC after the first
frame is given to the decoder, once it has been enabled. The value is given in samples (125µs)
and must be between 1 and 255 inclusive. This register has a default value of 64, which equates
to a time period of 8ms. Bit 7 is the msb.
Once the delay has been set, bit 15 (RDY) of the STATUS register ($40) will be set and IRQN will
go low if C-BUS interrupts are enabled for this bit. After the decoder is enabled, the first frame
that is given to the device for decoding will start a delay timer primed with the value contained in
this register. The device will not attempt to send a sample to the CODEC until this timer reaches
zero. After the timer has expired, it will not be used again until the decoder is disabled, and then
re-enabled, where receipt of the first frame will again start the timer.
This delay period is required in order to eliminate the effect of the algorithmic jitter in the decoder
algorithm. If additional algorithmic jitter is present in frame acquisition and presentation (perhaps
from a demodulator, or from scheduling effects in the host) then this delay may need to be
increased to prevent the CODEC from suffering sample starvation during the first few frames.
Please see section 5.3 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com