Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 62 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 62 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 58Page - CML Microcircuits CMX608 Datasheet HTML 59Page - CML Microcircuits CMX608 Datasheet HTML 60Page - CML Microcircuits CMX608 Datasheet HTML 61Page - CML Microcircuits CMX608 Datasheet HTML 62Page - CML Microcircuits CMX608 Datasheet HTML 63Page - CML Microcircuits CMX608 Datasheet HTML 64Page - CML Microcircuits CMX608 Datasheet HTML 65Page - CML Microcircuits CMX608 Datasheet HTML 66Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
62
D/608_18_38/11
7.1.3.
Operating Characteristics
Using the recommended components in Figure 2 and Figure 3, and for the following conditions unless
otherwise specified:
Xtal Freq. = 12.0MHz ±100ppm, VDDPA = AVDD = IOVDD = 3.0V to 3.6V; VDD = 1.7V to 1.9V; Tamb = 25°C;
all gain settings are 0dB. Figures apply to CMX608, CMX618 and CMX638, unless otherwise stated.
Note: Parametric measurements in this section are subject to further characterisation.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD Total powersaved
(ENABXTAL pin connected to VSS)
1
–
50
–
µA
IDD Digital
(after Reset, Xtal enabled)
1, 6, 9, 19
–
14.0
–
mA
IDD IODigital
(after Reset, Xtal enabled)
1, 10, 19
–
0.5
–
mA
IDD Digital
(CMX618/638 only)
1, 6, 9, 20
–
17.5
–
mA
Operational Modes
IDD IODigital
(CMX618/638 only)
1, 10, 21
–
0.6
–
mA
IDD Analogue PA
(CMX618/638 only)
1, 10, 21
–
0.7
–
mA
IDD Analogue
(CMX618 only, Vocoder
encoding)
1, 10, 21
–
6.5
–
mA
IDD Analogue
(CMX618 only, Vocoder
decoding)
1, 10, 21
–
2.8
–
mA
IDD Digital
(CMX608/618 Vocoder encoding
enabled with clock throttling)
1, 6, 9
–
33
–
mA
IDD Digital
(CMX608/618 Vocoder decoding
enabled with clock throttling)
1, 6, 9
–
20.0
–
mA
IDD Digital
(CMX608/618 Vocoder encoding
enabled no clock throttling)
1, 9
–
38
–
mA
IDD Digital
(CMX608/618 Vocoder decoding
enabled no clock throttling)
1, 9
–
28
–
mA
IDD Analogue
(Full-duplex: CMX638 only)
1, 10, 21
–
10
–
mA
IDD Digital
(Full-duplex: CMX638 only)
1, 9
–
49
–
mA
Logic Inputs and Outputs
Input logic '1' level
80%
–
–
IOVDD
Input logic '0' level
–
–
20%
IOVDD
Input leakage current (Vin = 0 to IOVDD)
1
–
–
±5.0
µA
Input capacitance
–
3
–
pF
Output logic '1' level
(IOH = 2mA)
90%
–
–
IOVDD
Output logic '0' level
(IOL = -5mA)
–
–
10%
IOVDD
"Off" state leakage current (IRQN or RDATA)
1
–
–
±5
µA
Analogue Outputs (CMX618/CMX638 only)
Differential output dc offset (OUT P
– OUT N)
3
–
–
±40
mV
XTALin
Input logic '1' level
70%
–
–
IOVDD
Input logic '0' level
–
–
30%
IOVDD
Input current (Vin = 0 to IOVDD)
–
–
±40
µA
XTALout
Output logic '1' level
(IOH = 0.5mA)
90%
–
–
IOVDD
Output logic '0' level
(IOL = -1.2mA)
–
–
10%
IOVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com