Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 36 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 36 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 32Page - CML Microcircuits CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
36
D/608_18_38/11
Bit 5
If this bit is set to '1', the decoder will expect an FEC packet of hard bits. This is
HDD
a 27- or 36-byte packet, where each bit represents a decoded bit.
If this bit is cleared to '0', the decoder will expect an FEC packet of soft bits. This
is a 108- or 144-byte packet, where each decoded bit is represented by a 4-bit
LLR (Log Likelihood Ratio) value from a demodulator. See also section 6.2.
The encoder always produces hard bits, so an FEC encoded packet of 60ms will
always be 27 bytes and an FEC encoded packet of 80ms will always be 36 bytes.
This bit will be ignored if FEC is not enabled.
Bit 6
This bit controls the DTX (Discontinuous Transmission) feature. When this bit is
DTX
set to '1', DTX is enabled and the encoder can produce 2 types of frame: Data
and SID (Silence Insertion Description). When this bit is cleared to '0', the DTX
function is disabled. The same amount of data must be read from, or supplied to,
the device whether DTX is enabled or disabled. See also section 6.3. DTX is
only available when FEC is not being used and raw Vocoder frames are being
transferred. This bit will be ignored if FEC is enabled.
Bit 7
This bit controls the format of the 4-bit DTMF code when transferring DTMF data
DTMFF
into, or out of, the device. When not transferring DTMF data, the setting of this bit
is irrelevant.
Format 1 is used when this bit is cleared to '0' and Format 2 is used when this bit
is set to '1'. With Format 1, DTMF data will conform to the coding used in other
popular products, such as CML's CMX605 and Zarlink's MT8870D. With Format
2, DTMF data will be in a row:column format that corresponds to a standard
telephone keypad matrix. See section 5.7 for further information.
SDTMF register address $08
7
6
5
4
3
2
1
0
FRAME COUNT
DTMF CODE
This write-only register controls the sending of DTMF data through the Vocoder.
As an alternative to decoding DTMF tones in the input audio stream, DTMF data may be sent
directly by providing the code to be sent, and the duration, in terms of 20ms frames.
This function overrides DTMF detection, single tone recognition and vocoding.
The collected
audio samples will be ignored.
After each 20ms frame is sent, the frame count value will be decremented. Special DTMF frames
will be produced until the frame count value reaches zero. See also the EFRAMEDATA ($38)
register.
If the frame count value was 15 ($F), then it is not decremented and the device will produce the
special DTMF frame until this register is written to again, either with zero in the frame count
causing it to stop, or another value other than 15, causing it to count down and then stop.
Bits 0 to 3
These bits define the DTMF tone that is to be sent.
DTMF CODE
See Table 2 or Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com