Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 30 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 26Page - CML Microcircuits CMX608 Datasheet HTML 27Page - CML Microcircuits CMX608 Datasheet HTML 28Page - CML Microcircuits CMX608 Datasheet HTML 29Page - CML Microcircuits CMX608 Datasheet HTML 30Page - CML Microcircuits CMX608 Datasheet HTML 31Page - CML Microcircuits CMX608 Datasheet HTML 32Page - CML Microcircuits CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
30
D/608_18_38/11
To increase the data bandwidth between the µC and the CMX608/CMX618/CMX638, certain of the C-BUS
read and write registers are capable of data-streaming operation. This allows a single address byte to be
followed by the transfer of multiple read or write data words via a FIFO, all within the same C-BUS
transaction. This can significantly increase the transfer rate of large data blocks, as shown in Figure 17.
Example of C-BUS data-streaming (8-bit write register)
CSN
CLK
CDATA
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
Address
First byte
Second byte
…
Last byte
RDATA Hi-Z
Example of C-BUS data-streaming (8-bit read register)
CSN
CLK
CDATA
7 6 5 4 3 2 1 0
Address
RDATA Hi-Z
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
First byte
Second byte
…
Last byte
Figure 17 C-BUS Data-Streaming Operation
Filling a FIFO to a pre-determined level (e.g. 128 bytes) can be done in one of two ways:
1) Stream an entire C-BUS message consisting of 1 address byte followed by 128 data bytes to the FIFO.
2) Stream multiple C-BUS messages consisting of any number of address bytes from 1 - 128 and any
number of data bytes from 1 - 128, as long as 128 data bytes eventually get across into the FIFO.
i.e.
i) 128 x single C-BUS writes is a valid transfer (128 address bytes + 128 data bytes)
ii) 64 x C-BUS writes is a valid transfer (64 address bytes + 64*2 data bytes)
It is not a requirement that data MUST be streamed into the FIFOs in one single transaction. If it is more
convenient, the data streaming facility need not be used at all.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com