Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 42 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 42 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits CMX608 Datasheet HTML 44Page - CML Microcircuits CMX608 Datasheet HTML 45Page - CML Microcircuits CMX608 Datasheet HTML 46Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
42
D/608_18_38/11
SVCREQ register address $0E
7
6
5
4
3
2
1
0
Service Request Value
This write only register sends special service requests to the device. Once the request has been
processed, bit 14 (SVC) of the STATUS ($40) register will be set to '1' and, if enabled, IRQN will
go low. The SVCACK ($2E) register will contain the status value, indicating whether the request
was successful. No other C-BUS registers should be read or written whilst this command is in
progress.
Bits 0 to 7
The 8-bit value written to this register specifies which operation to perform.
Currently, only 3 operations are defined. All other values are reserved:
$01
Request to load a Function Image
™. Please refer to section 6.7 for
further information.
$09
Request to turn on the PLEVEL functionality. Please refer to the
description of the PLEVEL ($31) register for further information.
$0A
Request to turn off the PLEVEL functionality.
FRAMETYPEW register address $0F
7
6
5
4
3
2
1
0
Frame 4
Frame 3
Frame 2
Frame 1
This write-only register contains the frame type for each of the 20ms raw Vocoder frames being
supplied for decoding. The fields in this register must be set before the packet that contains the
frames is written to the device.
The information in this register is used when the device is
configured to accept packets of raw Vocoder frames (without any FEC) and the DTX
(discontinuous transmission) option is enabled.
If the DTX option is disabled, the value in this register is unused.
The device can be set to decode 1, 2, 3 or 4 frames, representing 20ms, 40ms, 60ms or 80ms of
voice. For each frame, this register holds the corresponding 2-bit frame type attribute.
Bit 1/3/5/7
Bit 0/2/4/6
Frame Type
0
0
Data frame
0
1
reserved
1
0
SID frame
1
1
reserved
The device must be given full frames of data to decode. For a data frame, all of the bits are used.
For an SID frame, only the first 18 bits are used.
NOTE: The same number of bytes must be written to the DECFRAME register ($10), regardless of
frame type. This information indicates how much of it is significant.
DECFRAME register address $10
7
6
5
4
3
2
1
0
Decoder Frame
This write only register accepts packets of encoded speech data frames for decoding. This is a
byte wide streaming register that will take up to 144 bytes of data. The frequency and amount of
data to be written depends on how the device has been configured with the VCFG register ($07).
Bit 7 is the msb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com