Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 44 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 44 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits CMX608 Datasheet HTML 44Page - CML Microcircuits CMX608 Datasheet HTML 45Page - CML Microcircuits CMX608 Datasheet HTML 46Page - CML Microcircuits CMX608 Datasheet HTML 47Page - CML Microcircuits CMX608 Datasheet HTML 48Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
44
D/608_18_38/11
5.10.3.
8 Bit Read-Only Registers
ECFIFO register address $24
7
6
5
4
3
2
1
0
FIFO Word Count
This read-only register holds the current count of words in the external CODEC control FIFO. The
FIFO can currently hold up to 16 words for external CODEC control. This register is updated
whenever the EXCODECCMD register ($12) is written, or the EXCODECCONT register ($0B) is
written with ECC_FIFO_CLEAR or ECC_FIFO_COUNT. Bit 7 is the msb.
SVCACK register address $2E
7
6
5
4
3
2
1
0
X
X
X
X
X
X
X
ACK
This read-only register contains the acknowledgement result from a service request or some other
operation, as detailed in the STATUS register ($40). The contents of this register are only valid
after status bit 14 or 15 (in certain cases) has been set, and before another C-BUS register is
written. See section 6.7 for further details.
Bit 0
This bit is set to '1' to indicate a success result.
ACK
This bit is cleared to '0' to indicate an error or unsuccessful result.
Bits 1 to 7
These bits are undefined.
FRAMETYPER register address $2F
7
6
5
4
3
2
1
0
Frame 4
Frame 3
Frame 2
Frame 1
This read-only register contains the frame type for each of the 20ms raw Vocoder frames. The
information in this register is used when the device is configured to produce raw Vocoder frames
without any FEC and the DTX (discontinuous transmission) option is enabled. If the DTX option is
disabled, the value in this register is undefined.
The device can be set to encode over a period of 20ms, 40ms, 60ms or 80ms, producing 1, 2, 3 or
4 frames. For each frame, this register holds the corresponding 2-bit frame type attribute.
Bit 1/3/5/7
Bit 0/2/4/6
Frame Type
0
0
Data frame
0
1
reserved
1
0
SID frame
1
1
reserved
For a data frame, the full frame must be transmitted across the channel. For the SID frame, only
the first 18 bits of the frame need to be sent. In all cases, the frame type attribute must be sent.
NOTE: The same number of bytes must be read from the ENCFRAME register ($30), regardless
of frame type. This information indicates how much of it must be sent across the communications
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com