Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 63 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 63 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 59Page - CML Microcircuits CMX608 Datasheet HTML 60Page - CML Microcircuits CMX608 Datasheet HTML 61Page - CML Microcircuits CMX608 Datasheet HTML 62Page - CML Microcircuits CMX608 Datasheet HTML 63Page - CML Microcircuits CMX608 Datasheet HTML 64Page - CML Microcircuits CMX608 Datasheet HTML 65Page - CML Microcircuits CMX608 Datasheet HTML 66Page - CML Microcircuits CMX608 Datasheet HTML 67Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
63
D/608_18_38/11
Notes
Min.
Typ.
Max.
Units
AC Parameters
XTALin
'High' pulse width
4
15
–
–
ns
'Low' pulse width
4
15
–
–
ns
Input impedance (at 12.0MHz)
Powered-up
Resistance
–
150
–
k
Capacitance
–
20
–
pF
Powered-down
Resistance
–
300
–
k
Capacitance
–
20
–
pF
Xtal start up time (from powersave)
–
20
–
ms
BIAS (CMX618/CMX638 only)
Start up time (from powersave)
–
100
–
ms
CODEC (CMX618/CMX638 only)
Input Impedance (INPUT P or INPUT N)
–
10
–
k
Input Voltage Range (INPUT P or INPUT N)
11, 18
–
–
20 to 80
%AVDD
Differential Input Voltage (pk to pk)
12, 13, 18
–
–
100
%AVDD
Output Load Impedance (OUT P or OUT N)
7
32
–
–
Output Voltage Range (OUT P or OUT N)
3, 14, 18
–
–
10 to 90
% VDDPA
Differential Output Voltage (pk to pk)
3, 12, 18
–
–
160
% VDDPA
Differential Output Power
3
–
120
–
mW
Input Gain Setting Accuracy
–
±0.5
–
dB
Output Gain Setting Accuracy
–
±0.5
–
dB
ADC SINAD
5, 15
–
86
–
dB
DAC SINAD
8, 16
–
80
–
dB
Vocoder Performance
Sample Rate
–
8
–
ks/s
Data Rate (with FEC)
–
3600
–
bps
Data Rate (without FEC)
2400
–
2750
bps
Lower Frequency Limit (internally bandlimited)
60
–
–
Hz
Upper Frequency Limit (internally bandlimited)
–
–
3900
Hz
Encoder Algorithmic Delay
17
–
–
20
ms
Decoder Algorithmic Delay
17
–
–
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com