Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX608 Datasheet HTML 1Page - CML Microcircuits CMX608 Datasheet HTML 2Page - CML Microcircuits CMX608 Datasheet HTML 3Page - CML Microcircuits CMX608 Datasheet HTML 4Page - CML Microcircuits CMX608 Datasheet HTML 5Page - CML Microcircuits CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CMX608/CMX618/
CMX638
RALCWI Vocoders
 2014 CML Microsystems Plc
D/608_18_38/11
September 2014
Provisional Issue
Features
Applications
 Near Toll Quality RALCWI Coding Algorithm
 Digital PMR, LMR, Voice Radio
 Multiple Bit Rate Modes:
2400 or 2750 bps
3600 bps with FEC Enabled
 Digital Trunking
 DMR TDMA
 4-bit Viterbi Soft Decision Decoding
 DMR FDMA, dPMR
 Integrated Audio CODEC (CMX618/CMX638 only)
 Digital Voice Scrambling and Encryption
 Integrated Input and Output Channel Filters
 Digital WLL
 20ms, 40ms, 60ms and 80ms Packet Lengths
 Voice Storage and Playback Systems
 No Licensing or Royalty Payments
 Regenerative Digital Voice Repeaters
 Ancillary Audio Functions:
Voice Activity Detector
Comfort Noise Generator
DTMF and Single Tone Regeneration
 Messaging Systems
 VoIP Systems
 Voice Pagers
 1.8V Low Power Operation, 3.3V Tolerant I/O
 Half-Duplex Vocoding (CMX608/CMX618)
 Small 48-pin LQFP and VQFN Packages
 Full-Duplex Vocoding (CMX638 only)
1.
Brief Description
The CMX608/CMX618/CMX638 are flexible, high integration, high performance, RALCWI (Robust
Advanced Low Complexity Waveform Interpolation) Vocoders, offering near toll quality voice at very low bit
rates. A Forward Error Correction (FEC) engine provides optimum performance in real life applications.
The RALCWI Vocoder comprises four independent functions which are selectable by the host: Voice
Encoder, FEC Encoder, Voice Decoder and FEC Decoder. The CMX608 and CMX618 are half-duplex
Vocoders and the CMX638 is a full-duplex Vocoder with integrated voice CODEC.The CMX618 includes
an integrated voice CODEC, offering a complete analogue voice to low bit rate vocoded data function, with
integrated channel filters removing the need for external components, whereas the CMX608 requires an
external voice CODEC.
CMX608/CMX618/CMX638 operate from a dual power supply (1.8V and 3.3V) and are available in both
48-pin LQFP (L4) and 48-pin VQFN (Q3) packages.
Continued overleaf .....


Similar Part No. - CMX608

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
CMX602AD4 CMLMICRO-CMX602AD4 Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
CMX602AP3 CMLMICRO-CMX602AP3 Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
CMX602B CMLMICRO-CMX602B Datasheet
704Kb / 23P
CLI and CIDCW System Operation
CMX605 CMLMICRO-CMX605 Datasheet
107Kb / 1P
The Product Data Amendment series of documents
More results

Similar Description - CMX608

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
Maxim Integrated Produc...
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
logo
RF Micro Devices
RF2818 RFMD-RF2818 Datasheet
648Kb / 8P
GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
Single-Channel, Software Configurable Input and Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com