Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 19 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 15Page - CML Microcircuits CMX608 Datasheet HTML 16Page - CML Microcircuits CMX608 Datasheet HTML 17Page - CML Microcircuits CMX608 Datasheet HTML 18Page - CML Microcircuits CMX608 Datasheet HTML 19Page - CML Microcircuits CMX608 Datasheet HTML 20Page - CML Microcircuits CMX608 Datasheet HTML 21Page - CML Microcircuits CMX608 Datasheet HTML 22Page - CML Microcircuits CMX608 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
19
D/608_18_38/11
Figure 12 Single Frame Packet Decoding with Host Jitter (Increased IDD)
Figure 12 is the same as the previous figure, but with an increased initial decoder delay. As can be seen,
the CODEC is no longer starved of samples.
5.3.2.
Multiple Frame Packet with FEC, but without STD or DTMF
This is the most suitable configuration for use in a wireless system, where the channel is prone to bit
errors. Two modes are available:
3 frame packet, which represents 60ms of voice. This mode is most suitable for TDMA/DMR.
4 frame packet, which represents 80ms of voice. This mode is most suitable for FDMA/DMR.
For each of these modes, the packets may contain either hard-bits or soft-bits.
Figure 13 shows a timed delivery method for the 3 frame mode, although the principal applies equally to
the 4 frame mode. As in the above examples, if the host has some algorithmic jitter (which affects the
exact time of packet delivery), then the IDD register should be used to increase the initial decoder delay.
Figure 13 Multiple Frame Packet Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com